Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSU10A40 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FSU10A40
Description  OUTLINE DRAWING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSU10A40 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FSU10A40 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSU10A40 Datasheet HTML 2Page - List of Unclassifed Manufacturers FSU10A40 Datasheet HTML 3Page - List of Unclassifed Manufacturers FSU10A40 Datasheet HTML 4Page - List of Unclassifed Manufacturers FSU10A40 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SURGE CURRENT RATINGS
サ ー ジ 順 電 流 定 格
FSU10A40
f=50Hz,Harf Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
時 間 (s)
0
20
40
60
80
100
120
140
(A)
0.02s
IFSM


Similar Part No. - FSU10A40

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSU10A40 NIEC-FSU10A40 Datasheet
145Kb / 1P
   FRED
logo
Kyocera Kinseki Corpota...
FSU10A40 KSS-FSU10A40 Datasheet
643Kb / 6P
   Fast Recovery Diode
logo
National Instruments Co...
FSU10A40 NI-FSU10A40_15 Datasheet
145Kb / 1P
   FRED
More results

Similar Description - FSU10A40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
OD-S-31 MA-COM-OD-S-31 Datasheet
217Kb / 2P
   Outline Drawing
OD-S-131 MA-COM-OD-S-131 Datasheet
92Kb / 1P
   Outline Drawing
OD-S-150 MA-COM-OD-S-150 Datasheet
115Kb / 1P
   Outline Drawing
OD-S-296 MA-COM-OD-S-296 Datasheet
131Kb / 1P
   Outline Drawing
OD-S-30 MA-COM-OD-S-30 Datasheet
392Kb / 3P
   Outline Drawing
OD-S-36 MA-COM-OD-S-36 Datasheet
99Kb / 1P
   Outline Drawing
OD-S-111 MA-COM-OD-S-111 Datasheet
132Kb / 1P
   Outline Drawing
OD-S-137 MA-COM-OD-S-137 Datasheet
120Kb / 1P
   Outline Drawing
OD-S-144 MA-COM-OD-S-144 Datasheet
113Kb / 1P
   Outline Drawing
OD-S-186 MA-COM-OD-S-186 Datasheet
101Kb / 1P
   Outline Drawing
OD-S-255 MA-COM-OD-S-255 Datasheet
87Kb / 1P
   Outline Drawing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com