Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA62724FMG Datasheet(PDF) 9 Page - Marktech Corporate

Part # TCA62724FMG
Description  Three-Channel Constant-Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TCA62724FMG Datasheet(HTML) 9 Page - Marktech Corporate

Back Button TCA62724FMG Datasheet HTML 5Page - Marktech Corporate TCA62724FMG Datasheet HTML 6Page - Marktech Corporate TCA62724FMG Datasheet HTML 7Page - Marktech Corporate TCA62724FMG Datasheet HTML 8Page - Marktech Corporate TCA62724FMG Datasheet HTML 9Page - Marktech Corporate TCA62724FMG Datasheet HTML 10Page - Marktech Corporate TCA62724FMG Datasheet HTML 11Page - Marktech Corporate TCA62724FMG Datasheet HTML 12Page - Marktech Corporate TCA62724FMG Datasheet HTML 13Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TCA62724FMG(O,S,EL
2010-06-24
9
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Ratings *1
Unit
Suppl y
vol t age
VIN
−0.3 ~ +6.0
V
Ou tput
vol t ag e
VOUT
−0.3 ~ +6.0
V
Input
volt age
(SDA/SCL/
SHDN / RESET Terminal)
Vin
−0.3 ~ VIN+0.3 *2
V
0.36 (free air)
Po w e r
dissip a tion
PD
0.79(on PCB) *3,4
W
340 (free air)
T herm a l
resistan c e
Rth (j-a)
158 (on PCB) *3
°C/W
Operatin g temperature
Topr
−40 ~ +85
°C
S t o r age
te mpe r a t u r e
Tstg
−55 ~ +150
°C
Maximum junction temperature
Tj
150
°C
Note1: Voltage is ground referenced.
Note2: Do not exceed 6.0V.
Note3: PCB condition 40 mm x 40 mm x 1.6 mm, Cu = 10 %
Note4: The power dissipation decreases the reciprocal of the saturated thermal resistance (1/ Rth(j-a)) for each
degree (1°C) that the ambient temperature is exceeded (Ta = 25°C).
Recommended Operating Condition
Characteristic
Symbol
Condition
Min
Typ.
Max
Unit
Suppl y
voltage
VIN
-
2.8
3.6
5.5
V
Constan t curren t ou tput
IOUT
OUT0 to OUT2
5
-
150
mA/ch
RE X T
r e sistance
REXT
-
3.7
-
109
kΩ
Electrical Characteristics (unless otherwise specified, Ta = 25°C, VIN = 3.6V)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Supply voltage
VIN
-
2.8
3.6
5.5
V
Supply current (IC operation)
IIN (On)
REXT = 27.6 kΩ, VIN = 3.6 V
-
-
700
μA
Supply current (IC standby)
IIN (Off)
SHDN
= L
-
-
10
μA
High level
VIH
0.7VIN
-
VIN+0.15V
Input voltage
Low level
VIL
Measuring terminal is
SDA, SCL, SHDN , RESET
−0.15
-
0.3VIN
V
High level
IIH
−1.0
-
1.0
Input current
Low level
IIL
Measuring terminal is
SCL, SHDN , RESET
−1.0
-
1.0
μA
Gain
(I OU T /I RE X T )
GAIN
REXT=11kΩ
359
460
560
A/A
REXT te rminal volt ag e
VREXT
VIN=3.6V, REXT=11kΩ
1.09
1.17
1.25
V
Output leakage current
IOZ
SHDN
=“L”, VOUT=5.5V
-
-
0.1
μA
Const a nt
cu rren t
a ccu ra c y be t w een bi t s
dIOUT
VIN = 3.6 V, REXT = 11 kΩ
-
±1
±7.5
%
PWM
frequenc y
fPWM
-
-
3.0
-
kHz
Time from SHDN release to
st art
of
oper at i o n
tRE
-
-
-
5
ms


Similar Part No. - TCA62724FMG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCA62724FMG TOSHIBA-TCA62724FMG Datasheet
125Kb / 8P
   TOSHIBA CMOS INTEGRATED CIRCIUTS SILICON MONOLITHIC
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
More results

Similar Description - TCA62724FMG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62723FMG MARKTECH-TCA62723FMG_15 Datasheet
291Kb / 13P
   Three-Channel Constant-Current LED Driver
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
247Kb / 11P
   Three-Channel Constant-Current LED Driver
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
291Kb / 13P
   Three-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
BS0815 ETC2-BS0815 Datasheet
312Kb / 13P
   Three-channel LED constant current driver chip
logo
Inventronics Inc.
EUC-108TXXXDT INVENTRONICS-EUC-108TXXXDT Datasheet
863Kb / 10P
   108W Three-channel Constant Current IP67 Driver
Rev. E
EUC-120TXXXDV INVENTRONICS-EUC-120TXXXDV Datasheet
983Kb / 11P
   120W Three-channel Constant Current IP67 Driver
Rev. L
EUC-120TXXXDT INVENTRONICS-EUC-120TXXXDT Datasheet
987Kb / 11P
   120W Three-channel Constant Current IP67 Driver
Rev. J
EUC-180T210DT INVENTRONICS-EUC-180T210DT Datasheet
627Kb / 8P
   180W Three-channel Constant Current Outdoor Driver
Rev. D
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com