Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA62724FMG Datasheet(PDF) 10 Page - Marktech Corporate

Part # TCA62724FMG
Description  Three-Channel Constant-Current LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TCA62724FMG Datasheet(HTML) 10 Page - Marktech Corporate

Back Button TCA62724FMG Datasheet HTML 6Page - Marktech Corporate TCA62724FMG Datasheet HTML 7Page - Marktech Corporate TCA62724FMG Datasheet HTML 8Page - Marktech Corporate TCA62724FMG Datasheet HTML 9Page - Marktech Corporate TCA62724FMG Datasheet HTML 10Page - Marktech Corporate TCA62724FMG Datasheet HTML 11Page - Marktech Corporate TCA62724FMG Datasheet HTML 12Page - Marktech Corporate TCA62724FMG Datasheet HTML 13Page - Marktech Corporate TCA62724FMG Datasheet HTML 14Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TCA62724FMG(O,S,EL
2010-06-24
10
Characteristics of the SDA and SCL Bus Lines for I
2C-bus Devices
Standard Mode
Characteristic
Symbol
Min
Max
Unit
SC L cl oc k freq ue nc y
fSCL
0
100
kHz
Bus free time bet w e e n
STOP and START condition
tBUF
4.7
-
μs
Ho ld t im e (r ep eat ed )
ST AR T
co ndi tion
tHD;STA
4.0
-
μs
Setup time for repeated
ST AR T
condition
tSU;STA
4.7
-
Setup time for STOP condition
tSU;STO
4.0
-
μs
μs
Dat a
h o ld
ti me
tHD;DAT
0
-
ns
Dat a
setup
time
tSU;DAT
250
-
ns
LOW period of the SCL clock
tLOW
4.7
-
μs
HIGH period of the SCL clock
tHIGH
4.0
-
μs
Rise
ti me
of
b o th
SD A and SCL si gna l s
tf
-
1000
ns
Fa ll
ti me
of
b o t h
SD A and SCL si gna l s
tr
-
300
ns
tf
tHD;STA
tLOW
tr
tHD;DAT
tSU;DAT
tHIGH
tSU;STA
tHD;STA
tSU;STO
tBUF
SDA
SCL


Similar Part No. - TCA62724FMG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCA62724FMG TOSHIBA-TCA62724FMG Datasheet
125Kb / 8P
   TOSHIBA CMOS INTEGRATED CIRCIUTS SILICON MONOLITHIC
logo
Marktech Corporate
TCA62724FMG MARKTECH-TCA62724FMG Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
logo
Comchip Technology
TCA62724FMG COMCHIP-TCA62724FMG_15 Datasheet
212Kb / 15P
   3-Channel Constant-Current LED Driver
More results

Similar Description - TCA62724FMG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62723FMG MARKTECH-TCA62723FMG_15 Datasheet
291Kb / 13P
   Three-Channel Constant-Current LED Driver
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
247Kb / 11P
   Three-Channel Constant-Current LED Driver
TCA62723FMG MARKTECH-TCA62723FMG Datasheet
291Kb / 13P
   Three-Channel Constant-Current LED Driver
logo
List of Unclassifed Man...
BS0815 ETC2-BS0815 Datasheet
312Kb / 13P
   Three-channel LED constant current driver chip
logo
Inventronics Inc.
EUC-108TXXXDT INVENTRONICS-EUC-108TXXXDT Datasheet
863Kb / 10P
   108W Three-channel Constant Current IP67 Driver
Rev. E
EUC-120TXXXDV INVENTRONICS-EUC-120TXXXDV Datasheet
983Kb / 11P
   120W Three-channel Constant Current IP67 Driver
Rev. L
EUC-120TXXXDT INVENTRONICS-EUC-120TXXXDT Datasheet
987Kb / 11P
   120W Three-channel Constant Current IP67 Driver
Rev. J
EUC-180T210DT INVENTRONICS-EUC-180T210DT Datasheet
627Kb / 8P
   180W Three-channel Constant Current Outdoor Driver
Rev. D
logo
Catalyst Semiconductor
CAT4016 CATALYST-CAT4016 Datasheet
226Kb / 15P
   16-Channel Constant Current LED Driver
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com