Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA62735AFLG Datasheet(PDF) 2 Page - Marktech Corporate

Part # TCA62735AFLG
Description  Charge Pump type DC/DC Converter for White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TCA62735AFLG Datasheet(HTML) 2 Page - Marktech Corporate

  TCA62735AFLG Datasheet HTML 1Page - Marktech Corporate TCA62735AFLG Datasheet HTML 2Page - Marktech Corporate TCA62735AFLG Datasheet HTML 3Page - Marktech Corporate TCA62735AFLG Datasheet HTML 4Page - Marktech Corporate TCA62735AFLG Datasheet HTML 5Page - Marktech Corporate TCA62735AFLG Datasheet HTML 6Page - Marktech Corporate TCA62735AFLG Datasheet HTML 7Page - Marktech Corporate TCA62735AFLG Datasheet HTML 8Page - Marktech Corporate TCA62735AFLG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TCA62735AFLG
TENTATIVE
This datasheet is tentative, the values and contents are subject to change without any notice.
2005-04-26 (Page 2 of 12)
Block Diagram
Explanation of Terminals
No
Symbol
Function
1
EN
Logic input terminal. (input a chip enable signal)
EN = ”H”
→ Operation mode, EN = ”L” → Shutdown mode
2
CTL0
3
CTL1
4
CTL2
Logic input terminal. (Selection of an output number)
Please refer to the truth table on page 10.
5
ISET
Resistance connection terminal for setting up output current.
6
VOUT
Output terminal.
7
VIN
Power supply terminal.
8
C1
+
9
C1
10
C2
11
C2
+
Capacitance connection terminal for charge pump.
12
GND
GND terminal.
13
ILED4
14
ILED3
15
ILED2
16
ILED1
Constant Sink Current Driver terminal.
ILED(mA) = 0.61V
× 400 / RSET(kΩ)
ISET
Feed Back
GND
Constant Current
Regulator
ILED1
ILED 2
ILED 3
ILED 4
C1+
C1
VIN
VOUT
C2+
C2
Feed Back Circuit
Up Converting Time Change
CTL0
EN
CTL1
CTL2
Control
Logic
ON/OFF


Similar Part No. - TCA62735AFLG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
More results

Similar Description - TCA62735AFLG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
TB62733FTG TOSHIBA-TB62733FTG Datasheet
614Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
TCA62753FUG TOSHIBA-TCA62753FUG Datasheet
351Kb / 10P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Fairchild Semiconductor
FAN5609 FAIRCHILD-FAN5609 Datasheet
112Kb / 11P
   LED Driver with Adaptive Charge Pump DC/DC Converter
FAN5607 FAIRCHILD-FAN5607 Datasheet
546Kb / 13P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com