Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M63022FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M63022FP
Description  SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M63022FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M63022FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63022FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63022FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63022FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M63022FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M63022FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M63022FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M63022FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M63022FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63022FP
MITSUBISHI SEMICONDUCTOR (LSI)
DESCRIPTION
This M63022FP is 1 chip driver IC for spindle motor and 5 channel
actuators. All of the motor and actuator of optical disk drive system
(CD-ROM etc.) can be drived by only this IC.
This IC has a direct PWM control system for Spindle and Slide
channels drive due to reducing IC power dissipation.
This IC has three voltage supply terminals (for Spindle,
Slide,Focus/Tracking and Loading) , and three voltage supply can
be set separately.
Further more this IC has short braking select function,FG amplifier,
thermal shut down circuit, standby circuit, reverse rotation detect
circuit.
APPLICATION
CD-ROM, DVD, DVD-ROM, DVD-RAM ,Optical disc related
system,etc
PIN CONFIGURATION (TOP VIEW)
Outline 42P9R-K/B
BLOCK DIAGRAM
42
39
40
41
1
4
3
2
38
5
37
6
34
9
33
10
32
11
31
12
13
14
30
29
7
8
36
35
15
28
16
27
17
26
18
25
19
20
24
23
21
22
SL1IN
SL2IN
VM2
RSL2
SL2+
SL2-
GND
RSL1
SL1+
SL1-
GND
W
V
U
RSP
Hw-
Hw+
Hv-
Hv+
Hu-
Hu+
OSC
5VCC
MU1
VM3
LOIN+
FO-
FO+
TO+
TO-
GND
LO-
LO+
HB
GND
FOIN
TOIN
SPIN
REF
FG
BRS
VM1
FG
Reverse
Detect
120
˚
MATRIX
CTL
amp.
Current
comp.
Direction
comp.
CTL
amp.
Current
comp.
Direction
comp.
Logic
BIAS
TSD
FG
HU+
HU-
HV+
HV-
HW+
HW-
REF
SPIN
SL1IN
TOIN
FOIN
MU1
s
s
s
OSC
Frequency
generator
VM1
X12
Regulator
Reg
X12
Logic
s
Current
comp.
Direction
comp.
SL2IN
LO+
LO-
BRS
LOIN+
X8
5VCC
5V power supply
CTL
amp.
VM3
Hall Bias


Similar Part No. - M63022FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M63022FP RENESAS-M63022FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
More results

Similar Description - M63022FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M63021FP RENESAS-M63021FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M63020FP MITSUBISHI-M63020FP Datasheet
144Kb / 17P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Renesas Technology Corp
M63023FP RENESAS-M63023FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M63021FP MITSUBISHI-M63021FP Datasheet
141Kb / 17P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Renesas Technology Corp
M63028 RENESAS-M63028 Datasheet
510Kb / 22P
   Spindle Motor and 5ch Actuator Driver
logo
Mitsubishi Electric Sem...
M63023 MITSUBISHI-M63023 Datasheet
834Kb / 17P
   SPINDLE MOTOR AND 5CH ACTUATOR driveR
logo
Renesas Technology Corp
M63020FP RENESAS-M63020FP Datasheet
5Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63022FP RENESAS-M63022FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
M63015FP RENESAS-M63015FP Datasheet
7Mb / 20P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
M63013FP RENESAS-M63013FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 4CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com