Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN31GPH Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN31GPH
Description  Round Type
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN31GPH Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN31GPH Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
136
Unit: mm
1: Anode
2: Cathode
LN31GPH
LN31YPH
LN31GCPH
LN31YCPH
Unit
Green
Green
Green
Green
Green Diffused
Yellow Diffused
Green Clear
Yellow Clear
15.0
3.0
20
2.2
2.8
565
30
20
10
4
25.0
10.0
20
2.2
2.8
568
30
20
10
4
20.0
7.5
20
2.2
2.8
565
30
20
10
4
56.0
22.0
20
2.2
2.8
563
30
20
10
4
mcd
mcd
mA
V
V
nm
nm
mA
µAV
Round Type
φ 5.0 mm Series
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Lighting
Color
Lens Color
IO
VF
Typ
Min
Typ
IF
Max
Typ
Typ
IF
Max
VR
λ
P
∆λ
IR
Conventional Part No.
Global Prat No.
Lighting Color
LN31GPH ················· LNG301GFG ·············· Green
LN31YPH ················· LNG301YFG ·············· Green
LN31GCPH ··············· LNG301MFG ············· Green
LN31YCPH ··············· LNG301NFG ·············· Green
0.6
± 0.1
2.5
12
2.54
0.8
0.6
2
− 0.6 ± 0.1
2
− 0.8 Max
φ 5.0 ± 0.2
s Absolute Maximum Ratings (T
a = 25°C)
Green
PD(mW)
90
IF(mA)
30
IFP(mA)
150
VR(V)
4
Topr(°C)
−25 ∼ +80
Tstg(°C)
−30 ∼ +100
Lighting Color
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
IO Ta
500
300
30
50
100
10
Ambient Temperature
0
−20
80
100
60
40
20
1.6
1.8
2.0
2.4
2.2
3
1
5
10
50
100
30
100
50
30
5
3
10
1
100
50
30
5
3
10
1
Forward Current
Directive Characteristics
Ambient Temperature
Wavelength
IF VF
20
°
30
°
40
°
50
°
10
°
0
°
60
°
70
°
80
°
90
°
90
°
80
°
20
°
30
°
40
°
50
°
10
°
60
°
70
°
80
°
20
°
40
°
60
°
0
20
20
10
0
30
40
50
40
60
80
100
100
500
600
700
800
80
60
40
20
0
IF Ta
Forward Voltage
Relative Luminous Intensity
Wavelength Characteristics
IO IF
LN31GPH
LN31GPH
LN31YPH
LN31YPH
LN31GPH
LN31YPH
LN31GCPH
LN31GCPH
LN31YCPH
LN31YCPH
LN31GCPH
LN31YCPH
0
20406080
100
20
40
60
80
100
Relative Luminous Intensity


Similar Part No. - LN31GPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN31GPSLX PANASONIC-LN31GPSLX Datasheet
30Kb / 1P
   5.0 mm Series
LN31GPX PANASONIC-LN31GPX Datasheet
30Kb / 1P
   5.0 mm Series
More results

Similar Description - LN31GPH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN277RPX PANASONIC-LN277RPX Datasheet
31Kb / 1P
   Round Type
logo
Roithner LaserTechnik G...
B5B-940-8 ROITHNER-B5B-940-8 Datasheet
95Kb / 3P
   round type
logo
Panasonic Semiconductor
LN264CP PANASONIC-LN264CP Datasheet
32Kb / 1P
   Round Type
LN276RPX PANASONIC-LN276RPX Datasheet
32Kb / 1P
   Round Type
logo
Roithner LaserTechnik G...
B5B-850-8 ROITHNER-B5B-850-8 Datasheet
95Kb / 3P
   round type
logo
Panasonic Semiconductor
LN277RCPX PANASONIC-LN277RCPX Datasheet
30Kb / 1P
   Round Type
LN41YPH PANASONIC-LN41YPH Datasheet
31Kb / 1P
   Round Type
LN28RPX PANASONIC-LN28RPX Datasheet
30Kb / 1P
   Round Type
LN276RCPX PANASONIC-LN276RCPX Datasheet
30Kb / 1P
   Round Type
LN29RTX PANASONIC-LN29RTX Datasheet
31Kb / 1P
   Round Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com