Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLRMV1020 Datasheet(PDF) 2 Page - Marktech Corporate

Part # TLRMV1020
Description  Toshiba TLxV1020 SMT LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLRMV1020 Datasheet(HTML) 2 Page - Marktech Corporate

  TLRMV1020 Datasheet HTML 1Page - Marktech Corporate TLRMV1020 Datasheet HTML 2Page - Marktech Corporate TLRMV1020 Datasheet HTML 3Page - Marktech Corporate TLRMV1020 Datasheet HTML 4Page - Marktech Corporate TLRMV1020 Datasheet HTML 5Page - Marktech Corporate TLRMV1020 Datasheet HTML 6Page - Marktech Corporate TLRMV1020 Datasheet HTML 7Page - Marktech Corporate TLRMV1020 Datasheet HTML 8Page - Marktech Corporate TLRMV1020 Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Toshiba TLxV1020 SMT LED
Electrical and Optical Characteristics (Ta=25
o
C)
Part
Number
PWL nm
λP
Material
View
Angle
2
θ1/2
Luminous Intensity
Iv
Forward Voltage
VF
Rev Current
IR
min.
typ.
max.
IF@
min.
typ.
max.
IF@
max.
VR@
TLGV1020
574
InGaAlP
140
o
x 130
o
4.76
14.00
− 5mA
2.00
2.30 5mA
10
4V
TLOV1020
612
InGaAlP
140
o
x 130
o
8.50
38.00
− 5mA
2.00
2.30 5mA
10
4V
TLPGV1020
562
InGaAlP
140
o
x 130
o
1.53
3.50
− 5mA
2.00
2.30 5mA
10
4V
TLRMV1020
636
InGaAlP
140
o
x 130
o
4.76
15.00
− 5mA
2.00
2.30 5mA
10
4V
TLSV1020
623
InGaAlP
140
o
x 130
o
8.50
30.00
− 5mA
2.00
2.30 5mA
10
4V
TLYV1020
590
InGaAlP
140
o
x 130
o
8.50
25.00
− 5mA
2.00
2.30 5mA
10
4V
nm
deg
mcd
V
µ A
NOTICE:
TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can
malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when
utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in
which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent
TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for
Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment,
office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor
warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause
loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or spaceship
instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety
devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer’s own risk.
Gallium arsenide (GaAs) is a substance used in the products described in this document. GaAs dust and fumes are toxic. Do not break, cut
or pulverize the product, or use chemicals to dissolve them. When disposing of the products, follow the appropriate regulations. Do not
dispose of the products with other industrial waste or with domestic garbage.
The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA
CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is
granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others.
The information contained herein is subject to change without notice.
Company Headquarters
3 Norhway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TLRMV1020

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
TLRM1052 TOSHIBA-TLRM1052 Datasheet
340Kb / 14P
   TOSHIBA LED Lamp
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLRME16CP TOSHIBA-TLRME16CP Datasheet
270Kb / 8P
   Panel Circuit Indicator
More results

Similar Description - TLRMV1020

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLAU1008A TOSHIBA-TLAU1008A Datasheet
495Kb / 8P
   Toshiba TLxU1008A SMT LEDs
logo
Marktech Corporate
TLGE1002A MARKTECH-TLGE1002A Datasheet
493Kb / 8P
   Toshiba TLxE1002A SMT LEDs
TLOE1005A MARKTECH-TLOE1005A Datasheet
221Kb / 5P
   Toshiba TLxE1005A SMT LEDs
TLGE1100 MARKTECH-TLGE1100 Datasheet
406Kb / 8P
   Toshiba TLxE1100 SMT LEDs
TLXU1100 MARKTECH-TLXU1100 Datasheet
337Kb / 7P
   Toshiba TLxU1100 SMT LEDs
TLGE1008A MARKTECH-TLGE1008A Datasheet
499Kb / 8P
   Toshiba TLxE1008A SMT LEDs
TLRK1100C MARKTECH-TLRK1100C Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com