Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC801 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # MPC801
Description  High Speed CMOS ANALOG MULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC801 Datasheet(HTML) 8 Page - Burr-Brown (TI)

  MPC801 Datasheet HTML 1Page - Burr-Brown (TI) MPC801 Datasheet HTML 2Page - Burr-Brown (TI) MPC801 Datasheet HTML 3Page - Burr-Brown (TI) MPC801 Datasheet HTML 4Page - Burr-Brown (TI) MPC801 Datasheet HTML 5Page - Burr-Brown (TI) MPC801 Datasheet HTML 6Page - Burr-Brown (TI) MPC801 Datasheet HTML 7Page - Burr-Brown (TI) MPC801 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
®
MPC801
CHANNEL EXPANSION
Single-Tier Expansion
Up to eight MPC801s can be connected to a single node to
form a 64-channel single-ended multiplexer, or up to eight
MPC801s can be connected to two nodes to form a
32-channel differential multiplexer. Programming is
accomplished with a 6-bit address and a 1-of-8 decoder (see
Figure 5). The decoder drives the enable inputs of the
MPC801 turning on only one multiplexer at a time.
Two-Tier Expansion
Up to nine MPC801s can be connected in a two-tier structure
to form a 64-channel single-ended multiplexer (see Figure
6), or up to five MPC801s can be connected in a two-tier
structure to form a 16-channel differential multiplexer. Pro-
gramming is accomplished with a 6-bit address.
SINGLE VS MULTITIERED CHANNEL EXPANSION
In addition to reducing programming complexity, two-tier
configuration offers the added advantages over single-node
expansion of reduced OFF channel current leakage (reduced
Offset), better CMR, and a more reliable configuration if a
channel should fail in the ON condition (short). Should a
channel fail ON in the single-node configuration, data can-
not be taken from any channel, whereas only one-channel
group is failed (4 or 8) in the multitiered configuration.
Enable
Out A
Out B
In8
In1
In2
In3
A
0 A1 A2
MPC801
Enable
Out A
Out B
In8
In1
In2
In3
A
0 A1 A2
MPC801
6-Bit Channel
Address Generator
1 of 8
Decoder
Multiplexer
Output
To multiplexers 3 - 8
FIGURE 5. 64-channel, Single-tier, Single-ended Expansion.
Enable
Out A
Out B
In8
In1
In2
In3
A
0 A1 A2
MPC801
Enable
Out A
Out B
In8
In1
In2
In3
A
0 A1 A2
MPC801
6-Bit Channel
Address Generator
To multiplexers 3 - 8
Enable
Out A
Out B
In8
In1
In2
In3
A
1 A2 A3
MPC801
Multiplexer
Output
FIGURE 6. 64-channel, Two-tier, Single-ended Expansion.


Similar Part No. - MPC801

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC801 NXP-MPC801 Datasheet
3Mb / 242P
   Design Specification
Rev 0.1
logo
Microsemi Corporation
MPC8010 MICROSEMI-MPC8010 Datasheet
435Kb / 2P
   PASSIVE DEVICES - MMSM� Capacitors
More results

Similar Description - MPC801

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPC800 BURR-BROWN-MPC800 Datasheet
108Kb / 8P
   High Speed CMOS ANALOG MULTIPLEXER
logo
Texas Instruments
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M96 TI-CD74HCT4067M96 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
logo
SG Micro Corp
SGM4582 SGMICRO-SGM4582 Datasheet
368Kb / 17P
   CMOS Analog Multiplexer
SGM4581 SGMICRO-SGM4581 Datasheet
367Kb / 17P
   CMOS Analog Multiplexer
logo
Texas Instruments
CD74HCT4067-Q1 TI1-CD74HCT4067-Q1 Datasheet
745Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
logo
Intersil Corporation
HI-518 INTERSIL-HI-518_06 Datasheet
294Kb / 8P
   8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com