Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA641H Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA641H
Description  Wideband Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA641H Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA641H Datasheet HTML 1Page - Burr-Brown (TI) OPA641H Datasheet HTML 2Page - Burr-Brown (TI) OPA641H Datasheet HTML 3Page - Burr-Brown (TI) OPA641H Datasheet HTML 4Page - Burr-Brown (TI) OPA641H Datasheet HTML 5Page - Burr-Brown (TI) OPA641H Datasheet HTML 6Page - Burr-Brown (TI) OPA641H Datasheet HTML 7Page - Burr-Brown (TI) OPA641H Datasheet HTML 8Page - Burr-Brown (TI) OPA641H Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FEATURES
q GAIN-BANDWIDTH: 1.6GHz
q STABLE IN GAINS
2
q LOW DIFFERENTIAL GAIN/PHASE
ERRORS: 0.015%/0.006
°
q HIGH SLEW RATE: 650V/
µs
q FAST 12-BIT SETTLING: 18ns (0.01%)
q HIGH COMMON-MODE REJECTION: 80dB
q LOW HARMONICS: –72dBc at 10MHz
OPA641
Wideband Voltage Feedback
OPERATIONAL AMPLIFIER
APPLICATIONS
q COMMUNICATIONS
q MEDICAL IMAGING
q TEST EQUIPMENT
q CCD IMAGING
q ADC/DAC GAIN AMPLIFIER
q HIGH-RESOLUTION VIDEO
q LOW NOISE PREAMPLIFIER
q ACTIVE FILTERS
DESCRIPTION
The OPA641 is an extremely wideband operational
amplifier featuring low noise, high slew rate and high
spurious free dynamic range.
The OPA641 is conservatively compensated for sta-
bility in gains of 2 or greater. This amplifier has a fully
symmetrical differential input due to its “classical”
operational amplifier circuit architecture. This allows
the OPA641 to be used in all op amp applications
requiring high speed and precision.
Low noise, wide bandwidth, and high linearity make
this amplifier suitable for a variety of RF, video, and
imaging applications.
Current
Mirror
Output
Stage
C
C
3
2
Non-Inverting
Input
Inverting
Input
7, 8
+V
S
4, 5
–V
S
6
Output
®
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
• Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
©1993 Burr-Brown Corporation
PDS-1189B
Printed in U.S.A. July, 1994


Similar Part No. - OPA641H

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640P BURR-BROWN-OPA640P Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA641H

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com