Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA648P Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA648P
Description  ULTRA-WIDEBAND CURRENT FEEDBACK OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA648P Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA648P Datasheet HTML 1Page - Burr-Brown (TI) OPA648P Datasheet HTML 2Page - Burr-Brown (TI) OPA648P Datasheet HTML 3Page - Burr-Brown (TI) OPA648P Datasheet HTML 4Page - Burr-Brown (TI) OPA648P Datasheet HTML 5Page - Burr-Brown (TI) OPA648P Datasheet HTML 6Page - Burr-Brown (TI) OPA648P Datasheet HTML 7Page - Burr-Brown (TI) OPA648P Datasheet HTML 8Page - Burr-Brown (TI) OPA648P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OPA648
ULTRA-WIDEBAND CURRENT
FEEDBACK OPERATIONAL AMPLIFIER
DESCRIPTION
The OPA648 is an ultra high bandwidth current feed-
back operational amplifier. The current feedback ar-
chitecture also allows for a very high slew rate, which
gives excellent large signal bandwidth, even at high
gains. The high slew rate and well-behaved pulse
response allow for superior large signal amplification
in a variety of RF, video and other signal processing
applications. Fabricated on an advanced complemen-
tary bipolar process, the OPA648 offers exceptional
performance in monolithic form.
APPLICATIONS
q HIGH-SPEED SIGNAL PROCESSING
q HIGH-RESOLUTION CRT PREAMP
q HIGH-RESOLUTION VIDEO
q PULSE AMPLIFICATION
q IF SIGNAL PROCESSING
q DAC I/V CONVERSION
q ADC BUFFER
FEATURES
q WIDE BANDWIDTH: 1GHZ
q LOW DIFFERENTIAL GAIN/PHASE
ERRORS: 0.02%/0.02
°
q GAIN FLATNESS: 0.1dB to 100MHz
q FAST SLEW RATE: 1200V/
µs
q CLEAN PULSE RESPONSE
q UNITY GAIN STABLE
OPA648
OPA648
OPA648
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
®
C
C
Current Mirror
In
In
+
V
OUT
I
BIAS
I
BIAS
+V
S
–V
S
Current Mirror
Buffer
©1994 Burr-Brown Corporation
PDS-1253A
Printed in U.S.A June, 1995


Similar Part No. - OPA648P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640P BURR-BROWN-OPA640P Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA648P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA2681 TI1-OPA2681 Datasheet
377Kb / 22P
[Old version datasheet]   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER
OPA3681 TI1-OPA3681 Datasheet
401Kb / 22P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3691 TI1-OPA3691 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com