Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2117BK-3.0TRE1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2117BK-3.0TRE1
Description  300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2117BK-3.0TRE1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2117BK-3.0TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2117BK-3.0TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The AP2117 is positive voltage regulator IC designed by
CMOS process. The AP2117 has features of low dropout
voltage, low noise, high output voltage accuracy and low
current consumption. It consists of a voltage reference, an
error amplifier, a resistor network for setting output volt-
age, a current limit circuit for current protection, a circuit
for over-temperature protection, and a chip enable circuit.
Thus, the AP2117 is suitable for various power sources
for portable application.
Features
·
High Ripple Rejection: 70dB at f=1KHz
·
Ultra Low Dropout Voltage: 0.3V Typical at
IOUT=300mA
·
Low Operation Current: 80
µA Typical
·
High Line Regulation: 4mV Typical
·
High
Load
Regulation:
12mV
Typical
at
IOUT=300mA
·
High Output Voltage Accuracy:
± 2%
·
Output Voltage: 1.8V, 2.5V, 2.8V, 3.0V, 3.3V
Applications
·
Mobile Phones, Cordless Phones
·
Portable Games
·
Cameras
·
Portable AV Equipment
·
Battery Powered Equipment
Benefits
·
Low Noise
·
High PSRR
·
Very Competitive Price
Parametric Table
IOUT (Min) (A)
0.3
Quiescent Current (Typ) (mA)
0.08
VDROP (Typ) (V)
0.3
(Except 1.8V)
VIN (Min) (V)
2.2
VIN (Max) (V)
6.5
VOUT (V)
1.8, 2.5,
2.8, 3.0,
3.3
PSRR (dB)
70
Accuracy (%)
± 2
Load Regulation (Typ) (mV)
12 (3.0V)
Line Regulation (Typ) (mV)
4 (3.0V)
On/Off Pin
Yes
Error Flag
No
Operating Junction Temperature
(Min) (oC)
-40
Operating Junction Temperature
(Max) (oC)
125
Additional Available Materials
·
Samples
·
Preliminary Datasheet
·
Reliability Report
·
ESD Report
SOT-23-5
Pin Configuration
Sep. 2005
BCD Semiconductor Manufacturing Limited
Product Brief
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
AP2117
1
2
34
5
VOUT
GND
BYP
CE/CE
VIN


Similar Part No. - AP2117BK-3.0TRE1

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
   MMIC
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Diodes Incorporated
AP2111 DIODES-AP2111 Datasheet
365Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 1
AP2111 DIODES-AP2111 Datasheet
370Kb / 14P
   2A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2111 Rev. 2
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
688Kb / 20P
   600mA CMOS LDO REGULATOR WITH ENABLE
More results

Similar Description - AP2117BK-3.0TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Power IC Ltd.
PL0300 PICSEMI-PL0300 Datasheet
327Kb / 12P
   Low Noise, Fixed Output Voltage 300mA LDO Regulator
logo
Richtek Technology Corp...
RT9167 RICHTEK-RT9167 Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com