Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2203K-3.3TR Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2203K-3.3TR
Description  150mA RF ULDO REGULATOR WITH ERROR FLAG
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2203K-3.3TR Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2203K-3.3TR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2203K-3.3TR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2203K-3.3TR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2203K-3.3TR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2203K-3.3TR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2203K-3.3TR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2203K-3.3TR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2203K-3.3TR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2203K-3.3TR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
150mA RF ULDO REGULATOR WITH ERROR FLAG
AP2203
Preliminary Datasheet
1
Mar. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
General Description
The AP2203 is a 150mA ULDO regulator, which pro-
vides ultra low dropout voltage (typically 165mV at
150mA), very low quiescent current (1µA maximum)
in shutdown mode and excellent power supply ripple
rejection (PSRR 75dB at 100Hz) in battery powered
applications, such as handsets and PDAs and in noise
sensitive applications, such as RF electronics.
The AP2203 also features an undervoltage monitor
with an error flag output, logic compatible enable/shut-
down control inputs, a low power shutdown mode for
extended battery life, over current protection, over
temperature protection as well as reversed-battery pro-
tection.
The AP2203 has 2.5V, 3.0V and 3.3V versions.
The AP2203 is available in space saving 5-pin SOT-
23-5 package.
Features
·
Error Flag to Indicate Undervoltage Fault
·
Up to 150mA Regulator Output
·
Low Quiescent Current
·
Low Dropout Voltage: VDROP=165mV at 150mA
·
High Output Accuracy: ±1%
·
Good Ripple Rejection Ability: 75dB at 100Hz
and IOUT=100µA
·
Tight Load and Line Regulation
·
Low Temperature Coefficient
·
Over Current Protection
·
Thermal Protection
·
Reverse-battery Protection
·
Zero Off-mode Current
·
Logic-controlled Enable
Applications
·
Cellular Phones
·
Cordless Phones
·
Wireless Communicators
·
PDAs / Palmtops
·
Consumer Electronics
SOT-23-5
Figure 1. Package Type of AP2203


Similar Part No. - AP2203K-3.3TR

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP2200 AKM-AP2200 Datasheet
1Mb / 16P
   Step-up DC/DC converter IC supporting 1 or 2 solar cells
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2201K2.6TR BCDSEMI-AP2201K2.6TR Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
More results

Similar Description - AP2203K-3.3TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
logo
Micrel Semiconductor
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5256 MICREL-MIC5256_10 Datasheet
566Kb / 13P
   150mA 關Cap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
   Dual 150mA 關Cap LDO with Error Flag Outputs
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com