Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP4305K Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP4305K
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4305K Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP4305K Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4305K Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4305K Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4305K Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4305K Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4305K Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4305K Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4305K Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4305K Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
BCD Semiconductor Manufacturing Limited
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305
Preliminary Datasheet
Sep. 2005 Rev. 1. 1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TOTAL CURRENT CONSUMPTION
Total Supply Current
Not Including the Output Sinking
Current
ICC
TA=25
oC
0.5
1
mA
-40oC
<T
A<105
oC
0.6
VOLTAGE CONTROL LOOP
Transconduction Gain (VCTRL).
Sink Current Only
Gmv
TA=25
oC
13.5
mA/mV
-40oC
<T
A< 105
oC
2.5
Voltage Control Loop Reference
VREF
TA=25
oC
1.204
1.21
1.216
V
-40oC
<T
A< 105
oC
1.186
1.234
Input Bias Current (VCTRL)IIBV
TA=25
oC
50
nA
-40oC
<T
A< 105
oC
100
CURRENT CONTROL LOOP
Transconduction Gain (ICTRL).
Sink Current Only
Gmi
TA=25
oC
1.5
7
mA/mV
Current Control Loop Reference
VSENSE
IOUT=2.5
mA
TA=25
oC
198
200
202
mV
-40oC
<T
A< 105
oC
192
208
Current Out of Pin ICTRL at
200mV
IIBI
TA=25
oC
25
µA
-40oC
<T
A< 105
oC
50
OUTPUT STAGE
Low Output Voltage at 10mA
Sinking Current
VOL
TA=25
oC
200
mV
Output Short Circuit Current.
Output to VCC. Sink Current Only
IOS
TA=25
oC
27
50
mA
-40oC
<T
A< 105
oC
35
(VCC=5V, TA=25
oC, unless otherwise specified.)
Electrical Characteristics


Similar Part No. - AP4305K

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4305KTR BCDSEMI-AP4305KTR Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305KTR-E1 BCDSEMI-AP4305KTR-E1 Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305KTR-G1 BCDSEMI-AP4305KTR-G1 Datasheet
693Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4305KTR-G1 DIODES-AP4305KTR-G1 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - AP4305K

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com