Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2317H-3.3 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2317H-3.3
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2317H-3.3 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2317H-3.3 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2317H-3.3 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2317H-3.3 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2317H-3.3 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2317H-3.3 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2317H-3.3 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2317H-3.3 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2317H-3.3 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2317H-3.3 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
6
Sep. 2005 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 5. Load Regulation vs. Junction Temperature
-40
-20
0
20
40
60
80
100
120
140
-10
-5
0
5
10
15
20
Junction Temperature (
oC)
Figure 4. Line Regulation vs. Junction Temperature
-40
-20
0
20
40
60
80
100
120
140
-15
-10
-5
0
5
10
15
Junction Temperature (
oC)
Figure 6. Reference Voltage vs. Junction Temperature
Figure 7. Output Voltage vs. Junction Temperature
-40
-20
0
20
40
60
80
100
120
140
3.100
3.125
3.150
3.175
3.200
3.225
3.250
3.275
3.300
3.325
3.350
3.375
3.400
Junction Temperature (
oC)
AP2317-3.3
V
IN
=4.8V I
OUT
=10mA
-40
-20
0
20
40
60
80
100
120
140
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.255
1.260
1.265
1.270
Junction Temperature (
oC)
AP2317-ADJ
V
IN
=4.8V I
OUT
=10mA


Similar Part No. - AP2317H-3.3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2317H-3.3TR BCDSEMI-AP2317H-3.3TR Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317H-3.3TRE1 BCDSEMI-AP2317H-3.3TRE1 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AP2317H-3.3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com