Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS78L05R Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AS78L05R
Description  100mA POSITIVE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS78L05R Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AS78L05R Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS78L05R Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Preliminary Datasheet
6
Feb. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Note 2: 0.01
µF minimum load capacitance is recommended to limit high frequency noise.
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
4.8
5.0
5.2
V
7V
≤V
IN≤20V,
1mA
≤I
OUT≤100mA, PD≤0.75W
4.75
5.25
Line Regulation
VRLINE
7V
≤V
IN≤20V
8150
mV
Load Regulation
VRLOAD
1mA
≤I
OUT≤100mA
10
60
mV
Quiescent Current
IQ
35.5
mA
Quiescent Current Change
∆I
Q
8V
≤V
IN≤20V
1.5
mA
1mA
≤I
OUT≤40mA
0.1
Ripple Rejection
PSRR
f=120Hz, 8V
≤V
IN≤18V
47
62
dB
Dropout Voltage
VDROP
IOUT=40mA
1.7
V
IOUT=100mA
1.8
Output Noise Voltage
NO
10Hz
≤f≤100kHz (Note 2)
40
µV
Output Voltage
Temperature Coefficient
∆V
OUT/∆T
IOUT=5mA
0.42
mV/oC
(
∆V
OUT/VOUT)/∆T
84
ppm/oC
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
11.5
12.0
12.5
V
14.5V
≤V
IN≤27V,
1mA
≤I
OUT≤100mA, PD≤0.75W
11.4
12.6
Line Regulation
VRLINE
14.5V
≤V
IN≤27V
20
250
mV
Load Regulation
VRLOAD
1mA
≤I
OUT≤100mA
20
100
mV
Quiescent Current
IQ
36
mA
Quiescent Current Change
∆I
Q
16V
≤V
IN≤27V
1.5
mA
1mA
≤I
OUT≤40mA
0.1
Ripple Rejection
PSRR
f=120Hz, 15V
≤V
IN≤25V
37
42
dB
Dropout Voltage
VDROP
IOUT=40mA
1.7
V
IOUT=100mA
1.8
Output Noise Voltage
NO
10Hz
≤f≤100kHz (Note 2)
80
µV
Output Voltage
Temperature Coefficient
∆V
OUT/∆T
IOUT=5mA
1
mV/oC
(
∆V
OUT/VOUT)/∆T
84
ppm/oC
AS78L12 (VIN=19V, IOUT=40mA, CIN=0.33µF, COUT=0.1µF, TJ=25
oC, Bold typeface applies over -40oC
≤T
J≤125
oC, unless
otherwise specified.)
Note 2: 0.01
µF minimum load capacitance is recommended to limit high frequency noise.
AS78L05 (VIN=10V, IOUT=40mA, CIN=0.33µF, COUT=0.1µF, TJ=25
oC, Bold typeface applies over -40oC
≤T
J≤125
oC, unless
otherwise specified.)


Similar Part No. - AS78L05R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05RTR-E1 BCDSEMI-AS78L05RTR-E1 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
AS78L05RTR-E1 BCDSEMI-AS78L05RTR-E1 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
AS78L05RTR-E1 BCDSEMI-AS78L05RTR-E1 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Diodes Incorporated
AS78L05RTR-E1 DIODES-AS78L05RTR-E1 Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78L05RTR-G1 BCDSEMI-AS78L05RTR-G1 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AS78L05R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS78L05Z-E1 BCDSEMI-AS78L05Z-E1_09 Datasheet
874Kb / 20P
   100mA POSITIVE VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM78L00 GAMMA-GM78L00_12 Datasheet
178Kb / 12P
   100mA POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AS78LXX BCDSEMI-AS78LXX_13 Datasheet
972Kb / 18P
   100mA POSITIVE VOLTAGE REGULATOR
AS78LXX BCDSEMI-AS78LXX_07 Datasheet
202Kb / 16P
   100mA POSITIVE VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE78LXXG ACE-ACE78LXXG Datasheet
657Kb / 10P
   100mA Positive Voltage Regulator
VER1.5
logo
TAITRON Components Inco...
LM78L TAITRON-LM78L Datasheet
589Kb / 14P
   100mA Positive Voltage Regulator
logo
Diodes Incorporated
AS78LXX DIODES-AS78LXX Datasheet
402Kb / 17P
   100mA POSITIVE VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LM317L TAITRON-LM317L Datasheet
305Kb / 8P
   100mA Adjustable Positive Voltage Regulator
LA317L TAITRON-LA317L Datasheet
342Kb / 9P
   100mA Adustable Positive Voltage Regulator
logo
Sipex Corporation
SP78LXX SIPEX-SP78LXX Datasheet
481Kb / 11P
   100mA 3-Terminal Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com