Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ78L08Z Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78L08Z
Description  3-TERMINAL POSITIVE LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78L08Z Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ78L08Z Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ78L08Z Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ78L08Z Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ78L08Z Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ78L08Z Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78L08Z Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78L08Z Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78L08Z Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78L08Z Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78LXX
Data Sheet
4
Apr. 2005 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Ordering Information
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-92
0 to 125oC
AZ78L05Z
AZ78L05Z-E1
AZ78L05Z
AZ78L05Z-E1
Bulk
AZ78L05ZTR
AZ78L05ZTR-E1
AZ78L05Z
AZ78L05Z-E1
Ammo
AZ78L08Z
AZ78L08Z-E1
AZ78L08Z
AZ78L08Z-E1
Bulk
AZ78L08ZTR
AZ78L08ZTR-E1
AZ78L08Z
AZ78L08Z-E1
Ammo
AZ78L09Z
AZ78L09Z-E1
AZ78L09Z
AZ78L09Z-E1
Bulk
AZ78L09ZTR
AZ78L09ZTR-E1
AZ78L09Z
AZ78L09Z-E1
Ammo
AZ78L12Z
AZ78L12Z-E1
AZ78L12Z
AZ78L12Z-E1
Bulk
AZ78L12ZTR
AZ78L12ZTR-E1
AZ78L12Z
AZ78L12Z-E1
Ammo
SOIC-8
0 to 125oC
AZ78L05M
AZ78L05M-E1
78L05M
78L05M-E1
Tube
AZ78L05MTR
AZ78L05MTR-E1
78L05M
78L05M-E1
Tape & Reel
AZ78L08M
AZ78L08M-E1
78L08M
78L08ZM-E1
Tube
AZ78L08MTR
AZ78L08MTR-E1
78L08M
78L08M-E1
Tape & Reel
AZ78L09M
AZ78L09M-E1
78L09M
78L09M-E1
Tube
AZ78L09MTR
AZ78L09MTR-E1
78L09M
78L09M-E1
Tape & Reel
AZ78L12M
AZ78L12M-E1
78L12M
78L12M-E1
Tube
AZ78L12MTR
AZ78L12ZMTR-E1
78L12M
78L12M-E1
Tape & Reel
SOT-89
0 to 125oC
AZ78L05RTR
AZ78L05RTR-E1
R78A
E78A
Tape & Reel
AZ78L08RTR
AZ78L08RTR-E1
R78B
E78B
Tape & Reel
AZ78L09RTR
AZ78L09RTR-E1
R78C
E78C
Tape & Reel
AZ78L12RTR
AZ78L12RTR-E1
R78D
E78D
Tape & Reel
SOT-223
0 to 125
oC
AZ78L05HTR
AZ78L05HTR-E1
H78A
EH78A
Tape & Reel
AZ78L08HTR
AZ78L08HTR-E1
H78B
EH78B
Tape & Reel
AZ78L09HTR
AZ78L09HTR-E1
H78C
EH78C
Tape & Reel
AZ78L12HTR
AZ78L12HTR-E1
H78D
EH78D
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
Z: TO-92
E1: Lead Free
Blank: Tin Lead
AZ78L
-
TR: Tape and Reel or Ammo
Blank: Tube or Bulk
R: SOT-89
Output Voltage
05: 5V
08: 8V
09: 9V
12: 12V
H: SOT-223
M: SOIC-8


Similar Part No. - AZ78L08Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78L08Z BCDSEMI-AZ78L08Z Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78L08Z-E1 BCDSEMI-AZ78L08Z-E1 Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78L08ZTR BCDSEMI-AZ78L08ZTR Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78L08ZTR-E1 BCDSEMI-AZ78L08ZTR-E1 Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
More results

Similar Description - AZ78L08Z

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78LXX BCDSEMI-AZ78LXX_07 Datasheet
271Kb / 18P
   3-TERMINAL POSITIVE LINEAR REGULATOR
logo
AiT Semiconductor Inc.
A7812 AITSEMI-A7812 Datasheet
659Kb / 8P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV1.1
A7805 AITSEMI-A7805 Datasheet
623Kb / 6P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
A7805A AITSEMI-A7805A Datasheet
366Kb / 7P
   LINEAR REGULATOR 3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
REV1.0
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com