Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1086T-5.0E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1086T-5.0E1
Description  1.5A LOW DROPOUT LINEAR REGULATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1086T-5.0E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ1086T-5.0E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1086T-5.0E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pin Configuration
Nov. 2004
BCD Semiconductor Manufacturing Limited
Product Brief
1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086
TO-220
TO-263-3L
OUTPUT
ADJ/GND
INPUT
INPUT
OUTPUT
ADJ/GND
1
2
3
1
2
3
Description
The AZ1086 is a series of low dropout positive voltage
regulators with a maximum dropout of 1.5V at 1.5A of
load current and features on-chip thermal shutdown. It
also includes a bandgap reference and a current limiting
circuit. The AZ1086 is available in 1.5V, 1.8V, 2.5V, 3V,
3.3V, and 5.0V versions. The fixed versions integrate the
adjust resistors. It is also available in an adjustable ver-
sion, which can set the output voltage with only two exter-
nal resistors.
Features
· Current Limit and Thermal Protection
· Output Current: 1.5 A
· Current Limit: 2.3 A
· Line Regulation: 1 mV (Typical) at 3.3V Output
Voltage
· Load Regulation: 7 mV (Typical) at 3.3V Output
Voltage
Applications
· High Efficiency Linear Regulators
· Battery Charger
· Post Regulation for Switching Supplies
· Microprocessor Supply
· Mother Board Power Supplies
· Telecom Equipment
Benefits
· Equivalent characteristics to the products from
worldwide first-class vendors
· Very competitive price
Parametric Table
IOUT (Max) (A)
1.5
Quiescent Current (Max) (mA)
10
VDO (Typ) (V)
1.3
VIN (Min) (V)
2.8 (ADJ)
VIN (Max) (V)
15
VOUT (V)
1.5, 1.8,
2.5, 3.0,
3.3, 5.0
PSRR (dB)
75
Accuracy (%)
± 1
Load Regulation (Typ) (mV)
7 (3.3)
Line Regulation (Typ) (mV)
1 (3.3)
On/Off Pin
No
Error Flag
No
Operating Junction Temperature (Min)
(oC)
0
Operating Junction Temperature (Max)
(oC)
+125
Additional Available Materials
· Samples
· Datasheet
· Reliability Report
· ESD Report


Similar Part No. - AZ1086T-5.0E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1086T-5.0E1 BCDSEMI-AZ1086T-5.0E1 Datasheet
200Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086T-5.0E1 BCDSEMI-AZ1086T-5.0E1 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1086T-5.0E1

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086_07 Datasheet
200Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com