Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ431LARE1 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ431LARE1
Description  LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431LARE1 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ431LARE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ431LARE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ431LARE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ431LARE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ431LARE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ431LARE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ431LARE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ431LARE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ431LARE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L
Data Sheet
Apr. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
2
Figure 2. Pin Configuration of AZ431L (Top View)
Z Package
(TO-92)
(SOT-23-3)
N Package
R Package
(SOT-89)
Figure 3. Functional Block Diagram of AZ431L
Functional Block Diagram
K Package
(SOT-23-5)
ANODE
NC
CATHODE
CATHODE
ANODE
REF
REF
ANODE CATHODE
REF
3
1
2
1
23
3
2
1
4
5
NC
4
REF
V
REF
CATHODE
ANODE
+
-
CATHODE
ANODE
REF
1
2
3
Pin Configuration


Similar Part No. - AZ431LARE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431LARTR BCDSEMI-AZ431LARTR Datasheet
177Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LARTR-E1 BCDSEMI-AZ431LARTR-E1 Datasheet
177Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LARTR-E1 BCDSEMI-AZ431LARTR-E1 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LARTR-E1 BCDSEMI-AZ431LARTR-E1 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AZ431LARTR-E1 DIODES-AZ431LARTR-E1 Datasheet
617Kb / 20P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AZ431LARE1

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432 Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_07 Datasheet
177Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com