Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1084S-3.3 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1084S-3.3
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1084S-3.3 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1084S-3.3 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1084S-3.3 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1084S-3.3 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1084S-3.3 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1084S-3.3 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1084S-3.3 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1084S-3.3 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1084S-3.3 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1084S-3.3 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
5A LOW DROPOUT LINEAR REGULATOR
AZ1084
Data Sheet
7
Oct. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Load Regulation
∆V
OUT
AZ1084-ADJ, 0mA
≤ I
OUT ≤ 5A,
VIN - VOUT = 3V
0.1
0.2
0.3
0.4
%
AZ1084-1.5, 0mA
≤ I
OUT ≤ 5A,
VIN - VOUT = 3V
3
7
15
20
mV
AZ1084-1.8, 0mA
≤ I
OUT ≤ 5A,
VIN - VOUT = 3V
3
7
15
20
mV
AZ1084-2.5, 0mA
≤ I
OUT ≤ 5A,
VIN - VOUT = 3V
3
7
15
20
mV
AZ1084-2.85, 0mA
≤ I
OUT ≤ 5A,
VIN - VOUT = 3V
3
7
15
20
mV
AZ1084-3.3,
0mA
≤ I
OUT ≤ 5A,
VIN - VOUT = 3V
3
7
15
20
mV
AZ1084-5.0,
0mA
≤ I
OUT ≤ 5A,
VIN - VOUT = 3V
5
10
20
35
mV
Dropout Voltage
IO = 5A, ∆VREF,∆VOUT= 1%
1.3
1.5
V
Current Limit
ILIMIT
VIN - VOUT = 3V,
5.5
6.5
A
Minimum
Load Current
VIN = 10V (AZ1084-ADJ)
3
10
mA
Quiescent Current
VIN = 10V (AZ1084)
5
10
mA
Ripple Rejection
fRIPPLE = 120Hz, COUT = 25µF Tantalum,
IOUT = 5A, VIN - VOUT = 3V
60
72
dB
Adjust Pin Current
VIN = 4.25V, IOUT = 10mA
55
120
µA
Adjust Pin Current
Change
10mA
≤ I
OUT ≤ 5A,
1.5V
≤ (V
IN -VOUT) ≤ 4.5V
0.2
5
µA
Temperature
Stability
IOUT = 10mA, VIN - VOUT = 1.5
0.5
%
Long Term Stability
TA = 125
oC, 1000Hrs
0.5
%
RMS Noise
(% of VOUT)
10Hz
≤ f ≤ 10kHz
0.003
%
Thermal Resistance
Junction -to-Case
θ
JC
TO-263
TO-220
TO-252
3
3
4
oC/W
Typicals and limits appearing in normal type apply for TJ = 25
oC. Limits appearing in Boldface type apply over
the entire operating junction temperature range.


Similar Part No. - AZ1084S-3.3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084S-3.3 BCDSEMI-AZ1084S-3.3 Datasheet
197Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084S-3.3E1 BCDSEMI-AZ1084S-3.3E1 Datasheet
197Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084S-3.3TR BCDSEMI-AZ1084S-3.3TR Datasheet
197Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084S-3.3TRE1 BCDSEMI-AZ1084S-3.3TRE1 Datasheet
197Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1084S-3.3

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com