Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ2940D-2.5E1 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AZ2940D-2.5E1
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ2940D-2.5E1 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ2940D-2.5E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ2940D-2.5E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ2940D-2.5E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ2940D-2.5E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ2940D-2.5E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ2940D-2.5E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ2940D-2.5E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ2940D-2.5E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ2940D-2.5E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
7
Sep. 2005 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940
Operating Conditions: VIN=4.3V, IOUT=10mA, CIN=10µF, COUT=10µF, TJ=25
oC, unless otherwise specified.
The Boldface applies over -40oC
≤T
J≤125
oC.
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Output Voltage
VOUT
IOUT=10mA
3.27
3.3
3.33
V
10mA
≤I
OUT≤1A, 4.3V≤VIN≤13.2V
3.23
3.3
3.37
V
Line Regulation
VRLINE
IOUT=10mA, 4.3V≤VIN≤13.2V
6.6
33
mV
Load Regulation
VRLOAD
VIN=4.3V, 10mA≤IOUT≤1A
9.9
50
mV
Output Voltage
Temperature Coefficient
∆V
OUT/∆TIOUT=10mA
66
330
µV/oC
Dropout Voltage (Note 2)
VDROP
∆V
OUT=1%
IOUT=100mA
70
200
mV
IOUT=1A
280
550
mV
Ground Current
IGND
VIN=4.3V
IOUT=750mA
12
25
mA
IOUT=1A
18
mA
Current Limit
ILIMIT
VOUT=0V (Note 3)
1.5
2.2
A
Minimum Load Current
ILOAD (MIN)
15
mA
Output Noise Voltage (rms)
10Hz to 100KHz, IOUT=100mA,
COUT=10µF
400
µV
AZ2940-3.3V Electrical Characteristics
Note 2: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value
which is measured at VOUT+1V applied to VIN.
Note 3: VIN=VOUT(NOMINAL)+1V.
Electrical Characteristics (Continued)


Similar Part No. - AZ2940D-2.5E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940D-2.5E1 BCDSEMI-AZ2940D-2.5E1 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940D-2.5E1 BCDSEMI-AZ2940D-2.5E1 Datasheet
907Kb / 22P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ2940D-2.5E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com