Electronic Components Datasheet Search |
|
AZ78M09D-TRE1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited |
|
AZ78M09D-TRE1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited |
5 / 14 page 500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR AZ78MXX Preliminary Datasheet 5 May 2005 Rev. 1. 0 BCD Semiconductor Manufacturing Limited Parameter Symbol Value Unit Input Voltage VIN 20 V Lead Temperature (Soldering, 10 sec.) 300 oC Power Dissipation PD Internally Limited Storage Temperature Range TSTG -65 to 150 oC ESD (Machine Model) ESD 450 V Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max- imum Ratings" for extended periods may affect device reliability. Recommended Operating Conditions Parameter Symbol Min Max Unit Supply Voltage VCC 7.5 18 V Operating Junction Temperature Range TJ -40 125 ℃ Absolute Maximum Ratings (Note 1) |
Similar Part No. - AZ78M09D-TRE1 |
|
Similar Description - AZ78M09D-TRE1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |