Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1085T-ADJTR Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085T-ADJTR
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085T-ADJTR Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AZ1085T-ADJTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085
Data Sheet
3
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Circuit Type
Package
D: TO-252
ADJ: Adjustable Output
1.5: Fixed Output 1.5V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
3.3: Fixed Output 3.3V
5.0: Fixed Output 5.0V
E1: Lead Free
Blank: Tin Lead
AZ1085
-
TR: Tape and Reel
Blank: Tube
T: TO-220
S: TO-263-3L
S2: TO-263-2L
2.85: Fixed Output 2.85V
Package
Tempera-
ture Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-252
0 to 125oC
AZ1085D-ADJ
AZ1085D-ADJE1
AZ1085D-ADJ
AZ1085D-ADJE1
Tube
AZ1085D-ADJTR
AZ1085D-ADJTRE1
AZ1085D-ADJ
AZ1085D-ADJE1
Tape & Reel
AZ1085D-1.5
AZ1085D-1.5E1
AZ1085D-1.5
AZ1085D-1.5E1
Tube
AZ1085D-1.5TR
AZ1085D-1.5TRE1
AZ1085D-1.5
AZ1085D-1.5E1
Tape & Reel
AZ1085D-1.8
AZ1085D-1.8E1
AZ1085D-1.8
AZ1085D-1.8E1
Tube
AZ1085D-1.8TR
AZ1085D-1.8TRE1
AZ1085D-1.8
AZ1085D-1.8E1
Tape & Reel
AZ1085D-2.5
AZ1085D-2.5E1
AZ1085D-2.5
AZ1085D-2.5E1
Tube
AZ1085D-2.5TR
AZ1085D-2.5TRE1
AZ1085D-2.5
AZ1085D-2.5E1
Tape & Reel
AZ1085D-2.85
AZ1085D-2.85E1
AZ1085D-2.85
AZ1085D-2.85E1
Tube
AZ1085D-2.85TR
AZ1085D-2.85TRE1
AZ1085D-2.85
AZ1085D-2.85E1
Tape & Reel
AZ1085D-3.3
AZ1085D-3.3E1
AZ1085D-3.3
AZ1085D-3.3E1
Tube
AZ1085D-3.3TR
AZ1085D-3.3TRE1
AZ1085D-3.3
AZ1085D-3.3E1
Tape & Reel
AZ1085D-5.0
AZ1085D-5.0E1
AZ1085D-5.0
AZ1085D-5.0E1
Tube
AZ1085D-5.0TR
AZ1085D-5.0TRE1
AZ1085D-5.0
AZ1085D-5.0E1
Tape & Reel
TO-220
0 to 125oC
AZ1085T-ADJ
AZ1085T-ADJE1
AZ1085T-ADJ
AZ1085T-ADJE1
Tube
AZ1085T-1.5
AZ1085T-1.5E1
AZ1085T-1.5
AZ1085T-1.5E1
Tube
AZ1085T-1.8
AZ1085T-1.8E1
AZ1085T-1.8
AZ1085T-1.8E1
Tube
AZ1085T-2.5
AZ1085T-2.5E1
AZ1085T-2.5
AZ1085T-2.5E1
Tube
AZ1085T-2.85
AZ1085T-2.85E1
AZ1085T-2.85
AZ1085T-2.85E1
Tube
AZ1085T-3.3
AZ1085T-3.3E1
AZ1085T-3.3
AZ1085T-3.3E1
Tube
AZ1085T-5.0
AZ1085T-5.0E1
AZ1085T-5.0
AZ1085T-5.0E1
Tube
Ordering Information


Similar Part No. - AZ1085T-ADJTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085T-ADJE1 BCDSEMI-AZ1085T-ADJE1 Datasheet
1Mb / 21P
   3A LOW DROPOUT LINEAR REGULATOR
AZ1085T-ADJG1 BCDSEMI-AZ1085T-ADJG1 Datasheet
1Mb / 21P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085T-ADJTR

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com