Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ78M12D-TRE1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78M12D-TRE1
Description  500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78M12D-TRE1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ78M12D-TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ78M12D-TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ78M12D-TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ78M12D-TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ78M12D-TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78M12D-TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78M12D-TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78M12D-TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78M12D-TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78MXX
Preliminary Datasheet
4
May 2005 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
D: TO-252
T: TO-220
E1: Lead Free
Blank: Tin Lead
AZ78MXX
-
TR: Tape and Reel
Blank: Tube
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-220
-40 to 125oC
AZ78M05T
AZ78M05T-E1
AZ78M05T
AZ78M05T-E1
Tube
AZ78M06T
AZ78M06T-E1
AZ78M06T
AZ78M06T-E1
Tube
AZ78M08T
AZ78M08T-E1
AZ78M08T
AZ78M08T-E1
Tube
AZ78M09T
AZ78M09T-E1
AZ78M09T
AZ78M09T-E1
Tube
AZ78M12T
AZ78M12T-E1
AZ78M12T
AZ78M12T-E1
Tube
TO-252
-40 to 125oC
AZ78M05D
AZ78M05D-E1
AZ78M05D
AZ78M05D-E1
Tube
AZ78M05DTR
AZ78M05DTR-E1
AZ78M05D
AZ78M05D-E1
Tape & Reel
AZ78M06D
AZ78M06D-E1
AZ78M06D
AZ78M06D-E1
Tube
AZ78M06DTR
AZ78M06DTR-E1
AZ78M06D
AZ78M06D-E1
Tape & Reel
AZ78M08D
AZ78M08D-E1
AZ78M08D
AZ78M08D-E1
Tube
AZ78M08DTR
AZ78M08DTR-E1
AZ78M08D
AZ78M08D-E1
Tape & Reel
AZ78M09D
AZ78M09D-E1
AZ78M09D
AZ78M09D-E1
Tube
AZ78M09DTR
AZ78M09DTR-E1
AZ78M09D
AZ78M09D-E1
Tape & Reel
AZ78M12D
AZ78M12D-E1
AZ78M12D
AZ78M12D-E1
Tube
AZ78M12DTR
AZ78M12DTR-E1
AZ78M12D
AZ78M12D-E1
Tape & Reel
05: AZ78M05
06: AZ78M06
08: AZ78M08
09: AZ78M09
12: AZ78M12
Ordering Information


Similar Part No. - AZ78M12D-TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78M12D-E1 BCDSEMI-AZ78M12D-E1 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AZ78M12D-TRE1

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ78MXX BCDSEMI-AZ78MXX_07 Datasheet
132Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com