Electronic Components Datasheet Search |
|
AZ431AM-AE1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited |
|
AZ431AM-AE1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited |
1 / 2 page Description The AZ431-A series ICs are three-terminal adjustable shunt regulators with guaranteed thermal stability over a full operation range. These ICs feature sharp turn-on char- acteristics, low temperature coefficient and low output impedance, which make them ideal substitutes for Zener diodes in applications such as switching power supply, charger and other adjustable regulators. The AZ431-A series ICs are of 40V voltage type. Its out- put voltage can be set to any value between VREF(2.5V) and 36V. The AZ431-A precision reference is offered in two band- gap tolerance: 0.4% and 0.8%. Features · Programmable Precise Output Voltage from 2.5V to 36V · Very Accurate Reference Voltage: 0.15% Typical · High Stability under Capacitive Load · Low Temperature Deviation: 4.5mV Typical · Low Equivalent Full-range Temperature Coefficient with 20PPM/oC Typical · Low Dynamic Output Resistance: 0.2Ω Typical · Sink Current Capacity from 1mA to 100 mA · Low Output Noise · Wide Operating Range of -40 to 125oC Applications · Charger · Voltage Adapter · Switching Power Supply · Graphic Card · Precision Voltage Reference Benefits · Easier to Stabilize · Ultra Low Temperature Coefficient · Higher VREF Accuracy · Wider Operating Temperature Range · Very Competitive Price Parametric Table AZ431A-A AZ431B-A IKA (Max) (mA) 100 100 IKA (Min) (mA) 0.4 0.4 VOUT / VREF Initial Tol. (%) 0.4 0.8 VOUT (Max) (V) 36 36 VOUT (Min) (V) 2.5 2.5 ZKA (Typ) (Ω) 0.15 0.15 Temp Coeff. (Typ) (PPM/oC) 20 20 Operating Temperature (Min) (oC) -40 -40 Operating Temperature (Max) (oC) +125 +125 Additional Available Materials · Samples · Datasheet · Reliability Report · ESD Report Nov. 2004 BCD Semiconductor Manufacturing Limited Product Brief ADJUSTABLE PRECISION SHUNT REGULATORS AZ431-A Pin Configuration SOT-23-3 SOT-89 ANODE REF CATHODE REF ANODE CATHODE 1 2 3 1 2 3 |
Similar Part No. - AZ431AM-AE1 |
|
Similar Description - AZ431AM-AE1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |