Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1117D-3.3 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1117D-3.3
Description  1A LOW DROPOUT LINEAR REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1117D-3.3 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1117D-3.3 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1117D-3.3 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1117D-3.3 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1117D-3.3 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1117D-3.3 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1117D-3.3 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1117D-3.3 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1117D-3.3 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1117D-3.3 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
CURRENT MODE PWM CONTROLLER
AZ2842/3/4/5
Data Sheet
1A LOW DROPOUT LINEAR REGULATOR
AZ1117
Data Sheet
8
Oct. 2005 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
IOUT = 10mΑ, VIN = 3.2V
10mA
≤ I
OUT ≤ 1A, 3.0V≤ VIN≤ 10V
1.176
1.152
1.2
1.2
1.224
1.248
V
Line Regulation
∆V
OUT
IOUT = 10mA, 1.5V≤ VIN-VOUT ≤ 10V
1
6
mV
Load Regulation
∆V
OUT
VIN -VOUT = 2V, 10mA≤ IOUT ≤1Α
1
10
mV
Dropout Voltage
∆V
OUT= 1%, IOUT = 0.1Α
1.00
1.1
V
∆V
OUT= 1%, IOUT = 0.5Α
1.08
1.18
V
∆V
OUT = 1%, IOUT = 1.0Α
1.15
1.25
V
Current Limit
ILIMIT
VIN-VOUT = 2V
1.25
1.35
A
Quiescent Current
VIN=VOUT +1.25V
5
10
mA
Ripple Rejection
f =120Hz, COUT =22µF Tantalum,
VIN-VOUT = 3V, IOUT =1A
60
75
dB
Temperature Stability
0.5
%
Long -Term Stability
TA=125
oC, 1000hrs
0.3
%
RMS Output Noise
(% of VOUT)
TA=25
oC, 10Hz
≤ f ≤ 10kHz
0.003
%
Thermal Resistance,
Junction to Case
θ
JC
SOT-223
SOT-89-3
TO-252-2
TO-220-3
TO-263-3
15
75
10
4.5
4
oC/W
Thermal Shutdown
Junction Temperature
150
oC
Thermal Shutdown
Hysteresis
25
oC
Operating Conditions: VIN≤10V, TJ =25
oC, unless otherwise specified.
AZ1117-1.2V Electrical Characteristics
Electrical Characteristics (Continued)


Similar Part No. - AZ1117D-3.3

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1117D-3.3TRE1 BCDSEMI-AZ1117D-3.3TRE1 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ1117D-3.3TRE1 DIODES-AZ1117D-3.3TRE1 Datasheet
554Kb / 32P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1117D-3.3

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
LD1117-5.0 TECHPUBLIC-LD1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2218 BCDSEMI-AP2218 Datasheet
156Kb / 13P
   1A LOW DROPOUT LINEAR REGULATOR
logo
FOSLINK SEMICONDUCTOR C...
FSP1117 FOSLINK-FSP1117 Datasheet
284Kb / 10P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com