Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ7045ZTR-E1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7045ZTR-E1
Description  VOLTAGE DETECTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7045ZTR-E1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ7045ZTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7045ZTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7045ZTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7045ZTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7045ZTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7045ZTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ7045ZTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ7045ZTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ7045ZTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AZ70XX
Preliminary Datasheet
9
Jul. 2005 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
VOLTAGE DETECTOR
AZ70XX
Figure 13. Low Voltage Indicator
Figure 14. CPU Resetting Circuit
1
3
2
V
CC
AZ70XX
OUT
GND
LED
V
CC
R1
220
V
CC +5V
R1
3.3k
1
3
2
V
CC
AZ70XX
OUT
GND
CPU
V
CC
GND
RESET
C1
1
µF
+
Figure 12 is a typical timing waveform for AZ70XX
during power-up and temporary power-down period.
Here is some explanations for AZ70XX's operation.
1. During power-up period, VOUT will remain
undefined until VCC rises above VOPR (typically
0.8V). After that moment, the output will become
valid and will be at its logic low state while
VOPR<VCC<VS for power-up operating.
2. After a delay time of tpLH from the moment
VCC>VS, the VOUT will be at its logic high state. In
general, VOUT is dependent upon the voltage that the
pull up resistor connected to.
3. During power-down, after a delay time of tpHL
from the moment VCC<VS-VHYS, VOUT will be at its
logic low state. In general, at rated output current and
VCC, VOUT can be pulled down to a voltage as low as
within
0.4V
from
GND.
(See
the
Electrical
Characteristics section).
4. VOUT will be at its logic low state while VS-
VHYS>VCC>VOPR for power-down operating.
5. After VCC falls below VOPR, the output is
undefined.
Operating Diagram (Continued)
Typical Applications


Similar Part No. - AZ7045ZTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7045ZTR-E1 BCDSEMI-AZ7045ZTR-E1 Datasheet
160Kb / 13P
   VOLTAGE DETECTOR
AZ7045ZTR-E1 BCDSEMI-AZ7045ZTR-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
logo
Diodes Incorporated
AZ7045ZTR-E1 DIODES-AZ7045ZTR-E1 Datasheet
721Kb / 13P
   VOLTAGE DETECTOR
Oct. 2011 Rev. 2. 2
More results

Similar Description - AZ7045ZTR-E1

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com