Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1085T-ADJE1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1085T-ADJE1
Description  3A LOW DROPOUT LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1085T-ADJE1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ1085T-ADJE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1085T-ADJE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
3A LOW DROPOUT LINEAR REGULATOR
AZ1085
Data Sheet
5
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under"Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Operating Junction Temperature
TJ
150
oC
Storage Temperature
TS
-65
150
oC
Lead Temperature (Soldering, 10 sec.)
TLEAD
300
oC
ESD (Human Body Model)
ESD
2000
V
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
12
V
Operating Junction Temperature Range
TJ
0
125
oC
Absolute Maximum Ratings (Note 1)


Similar Part No. - AZ1085T-ADJE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1085T-ADJE1 BCDSEMI-AZ1085T-ADJE1 Datasheet
1Mb / 21P
   3A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1085T-ADJE1

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com