Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1084S2-1.5E1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1084S2-1.5E1
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1084S2-1.5E1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1084S2-1.5E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.5E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.5E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.5E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.5E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.5E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.5E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.5E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.5E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
5A LOW DROPOUT LINEAR REGULATOR
AZ1084
Data Sheet
6
Oct. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Electrical Characteristics
Typicals and limits appearing in normal type apply for TJ = 25
oC. Limits appearing in Boldface type apply over
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
VREF
AZ1084-ADJ,
IOUT = 10mA, VIN -VOUT = 3V,
10mA
≤ I
OUT ≤ 5A, 1.5V ≤ VIN - VOUT ≤ 5V
1.238
1.225
1.250
1.250
1.262
1.270
V
Output Voltage
VOUT
AZ1084-1.5,
IOUT = 0mA, VIN = 4.5V,
10mA
≤ I
OUT ≤ 5A, 3.1V≤ VIN ≤ 6V
1.485
1.47
1.5
1.5
1.515
1.53
V
AZ1084-1.8,
IOUT = 0mA, VIN = 4.8V,
10mA
≤ I
OUT ≤ 5A, 3.4V≤ VIN ≤ 6V
1.782
1.764
1.8
1.8
1.818
1.836
V
AZ1084-2.5,
IOUT = 0mA, VIN = 5.5V,
10mA
≤ I
OUT ≤ 5A, 4.1V≤ VIN ≤ 7V
2.475
2.45
2.5
2.5
2.525
2.55
V
AZ1084-2.85,
IOUT = 0mA, VIN = 6V,
10mA
≤ I
OUT ≤ 5A, 4.5V≤ VIN ≤ 8V
2.822
2.793
2.85
2.85
2.879
2.907
V
AZ1084-3.3,
IOUT = 0mA, VIN = 6.3V,
10mA
≤ I
OUT ≤ 5A, 4.9V≤ VIN ≤ 8V
3.267
3.234
3.3
3.3
3.333
3.366
V
AZ1084-5.0,
IOUT = 0mA, VIN = 8V,
10mA
≤ I
OUT ≤ 5A, 6.6V≤ VIN ≤ 10V
4.95
4.9
5
5
5.05
5.1
V
Line Regulation
∆V
OUT
AZ1084-ADJ,
IOUT = 10mA, 2.85V ≤ VIN ≤ 10V
0.015
0.035
0.2
0.2
%
AZ1084-1.5,
IOUT = 10mA, 3.1V ≤ VIN ≤ 10V
0.5
1
6
6
mV
AZ1084-1.8,
IOUT = 10mA, 3.4V ≤ VIN ≤ 10V
0.5
1
6
6
mV
AZ1084-2.5,
IOUT = 10mA, 4.1V ≤ VIN ≤ 10V
0.5
1
6
6
mV
AZ1084-2.85,
IOUT = 10mA, 4.5V ≤ VIN ≤ 10V
0.5
1
6
6
mV
AZ1084-3.3,
IOUT = 10mA, 4.9V ≤ VIN ≤ 10V
0.5
1
6
6
mV
AZ1084-5.0,
IOUT = 10mA, 6.6V ≤ VIN ≤ 10V
0.5
1
10
10
mV
the entire operating junction temperature range.


Similar Part No. - AZ1084S2-1.5E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084S2-1.5E1 BCDSEMI-AZ1084S2-1.5E1 Datasheet
197Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1084S2-1.5E1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com