Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2021ETX+T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX2021ETX+T
Description  High-Dynamic-Range, Direct Up-/Downconversion 750MHz to 1200MHz Quadrature Mod/Demod
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2021ETX+T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX2021ETX+T Datasheet HTML 4Page - Maxim Integrated Products MAX2021ETX+T Datasheet HTML 5Page - Maxim Integrated Products MAX2021ETX+T Datasheet HTML 6Page - Maxim Integrated Products MAX2021ETX+T Datasheet HTML 7Page - Maxim Integrated Products MAX2021ETX+T Datasheet HTML 8Page - Maxim Integrated Products MAX2021ETX+T Datasheet HTML 9Page - Maxim Integrated Products MAX2021ETX+T Datasheet HTML 10Page - Maxim Integrated Products MAX2021ETX+T Datasheet HTML 11Page - Maxim Integrated Products MAX2021ETX+T Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
High-Dynamic-Range, Direct Up-/Downconversion
750MHz to 1200MHz Quadrature Mod/Demod
8
_______________________________________________________________________________________
Detailed Description
The MAX2021 is designed for upconverting differential
in-phase (I) and quadrature (Q) inputs from baseband
to a 750MHz to 1200MHz RF frequency range. The
device can also be used as a demodulator, downcon-
verting an RF input signal directly to baseband.
Applications include RFID handheld and portal readers,
as well as single and multicarrier GSM/EDGE,
cdma2000, WCDMA, and iDEN base stations. Direct
conversion architectures are advantageous since they
significantly reduce transmitter or receiver cost, part
count, and power consumption as compared to tradition-
al IF-based double conversion systems.
The MAX2021 integrates internal baluns, an LO buffer, a
phase splitter, two LO driver amplifiers, two matched
double-balanced passive mixers, and a wideband
quadrature combiner. The MAX2021’s high-linearity mix-
ers, in conjuction with the part’s precise in-phase and
quadrature channel matching, enable the device to pos-
sess excellent dynamic range, ACLR, 1dB compression
point, and LO and sideband suppression characteris-
tics. These features make the MAX2021 ideal for four-
carrier WCDMA operation.
LO Input Balun, LO Buffer, and
Phase Splitter
The MAX2021 requires a single-ended LO input, with a
nominal power of 0dBm. An internal low-loss balun at
the LO input converts the single-ended LO signal to a
differential signal at the LO buffer input. In addition, the
internal balun matches the buffer’s input impedance to
50
Ω over the entire band of operation.
The output of the LO buffer goes through a phase split-
ter, which generates a second LO signal that is shifted
by 90° with respect to the original. The 0° and 90° LO
signals drive the I and Q mixers, respectively.
LO Driver
Following the phase splitter, the 0° and 90° LO signals
are each amplified by a two-stage amplifier to drive the
I and Q mixers. The amplifier boosts the level of the LO
Pin Description
PIN
NAME
FUNCTION
1, 5, 9–12, 14, 16–19, 22,
24, 27–30, 32, 34, 35, 36
GND
Ground
2
RBIASLO3 3rd LO Amplifier Bias. Connect a 332
Ω resistor to ground.
3
VCCLOA
LO Input Buffer Amplifier Supply Voltage. Bypass to GND with 33pF and 0.1µF
capacitors as close to the pin as possible.
4
LO
Local Oscillator Input. 50
Ω input impedance.
6
RBIASLO1 1st LO Input Buffer Amplifier Bias. Connect a 432
Ω resistor to ground.
7
N.C.
No Connection. Leave unconnected.
8
RBIASLO2 2nd LO Amplifier Bias. Connect a 619
Ω resistor to ground.
13
VCCLOI1
I-Channel 1st LO Amplifier Supply Voltage. Bypass to GND with 33pF and 0.1µF
capacitors as close to the pin as possible.
15
VCCLOI2
I-Channel 2nd LO Amplifier Supply Voltage. Bypass to GND with 33pF and 0.1µF
capacitors as close to the pin as possible.
20
BBI+
Baseband In-Phase Noninverting Port
21
BBI-
Baseband In-Phase Inverting Port
23
RF
RF Port
25
BBQ-
Baseband Quadrature Inverting Port
26
BBQ+
Baseband Quadrature Noninverting Port
31
VCCLOQ2
Q-Channel 2nd LO Amplifier Supply Voltage. Bypass to GND with 33pF and 0.1µF
capacitors as close to the pin as possible.
33
VCCLOQ1
Q-Channel 1st LO Amplifier Supply Voltage. Bypass to GND with 33pF and 0.1µF
capacitors as close to the pin as possible.
EP
GND
Exposed Ground Paddle. The exposed paddle MUST be soldered to the ground plane
using multiple vias.


Similar Part No. - MAX2021ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021ETX+T MAXIM-MAX2021ETX+T Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
More results

Similar Description - MAX2021ETX+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2021 MAXIM-MAX2021_13 Datasheet
588Kb / 20P
   High-Dynamic-Range, Direct Up-/Downconversion 650MHz to 1200MHz Quadrature Mod/Demod
Rev 2; 4/13
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
MAX2023_V1 MAXIM-MAX2023_V1 Datasheet
476Kb / 18P
   High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2500MHz Quadrature Mod/Demod
Rev 1; 5/12
MAX2022 MAXIM-MAX2022_12 Datasheet
2Mb / 20P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
Rev 1; 9/12
MAX2022 MAXIM-MAX2022_V01 Datasheet
1Mb / 26P
   High-Dynamic-Range, Direct Up/ Downconversion 1500MHz to 3000MHz Quadrature Modulator/Demodulator
2013
MAX2022 MAXIM-MAX2022 Datasheet
293Kb / 14P
   High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator
Rev 0; 4/05
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
[Old version datasheet]   Direct Downconversion Receiver
logo
Maxim Integrated Produc...
MAX2700 MAXIM-MAX2700 Datasheet
328Kb / 28P
   1.8GHz to 2.5GHz Direct Downconversion Receivers
Rev 0; 4/00
MAX19994A MAXIM-MAX19994A Datasheet
4Mb / 28P
   Dual, SiGe, High-Linearity, 1200MHz to 2000MHz Downconversion Mixer with LO Buffer/Switch
19-5197; Rev 0; 4/10
MAX19993 MAXIM-MAX19993 Datasheet
4Mb / 23P
   Dual, SiGe, High-Linearity, 1200MHz to 1700MHz Downconversion Mixer with LO Buffer/Switch
Rev 0; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com