Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6776LTT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6776LTT
Description  Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6776LTT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6776LTT Datasheet HTML 1Page - Maxim Integrated Products MAX6776LTT Datasheet HTML 2Page - Maxim Integrated Products MAX6776LTT Datasheet HTML 3Page - Maxim Integrated Products MAX6776LTT Datasheet HTML 4Page - Maxim Integrated Products MAX6776LTT Datasheet HTML 5Page - Maxim Integrated Products MAX6776LTT Datasheet HTML 6Page - Maxim Integrated Products MAX6776LTT Datasheet HTML 7Page - Maxim Integrated Products MAX6776LTT Datasheet HTML 8Page - Maxim Integrated Products MAX6776LTT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Power, 1%-Accurate Battery
Monitors in µDFN and SC70 Packages
_______________________________________________________________________________________
5
Pin Description
MAX6775/
MAX6776
MAX6777/
MAX6778
MAX6779/
MAX6780/
MAX6781
µDFN
SC70
µDFN
SC70
µDFN
NAME
FUNCTION
1
1
GND2
Reserved. Must be connected to GND. Do not use as the only
GND connection.
2
2
2
2
2
GND
Ground
3
3
LBI
Low-Battery Input. Connect to the resistive divider to set the
trip level.
44
4
4
LBO
Low-Battery Output, Active-Low. When VLBI/VLBL falls below
the falling threshold, LBO asserts. LBO deasserts when
VLBI/VLBH exceeds the rising threshold voltage.
5
5
N.C.
No Connection. Not internally connected.
6
5
6
5
6
BATT
Battery Input. Power supply to the device.
1
1
LBH
Rising-Trip-Level Input. Connect to a resistive divider to set the
rising trip level.
3
3
LBL
Falling-Trip-Level Input. Connect to a resistive divider to set the
falling trip level.
1
LBI2
Low-Battery Input 2. Connect to a resistive divider to set the
trip level.
3
LBI1
Low-Battery Input 1. Connect to a resistive divider to set the
trip level.
——
4
LBO1
Low-Battery Output 1, Active-Low. When VLBI1 falls below the
falling threshold voltage, LBO1 asserts. LBO1 deasserts when
VLBI1 exceeds the rising threshold voltage. LBO1 is push-pull
on the MAX6779/MAX6781 and open-drain for the MAX6780.
——
5
LBO2
Low-Battery Output 2, Active-Low. When VLBI2 falls below the
falling threshold voltage, LBO2 asserts. LBO2 deasserts when
VLBI2 exceeds the rising threshold voltage. LBO2 is open-drain
for the MAX6780/MAX6781 and push-pull for the MAX6779.


Similar Part No. - MAX6776LTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6776LT_+T MAXIM-MAX6776LT_+T Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
More results

Similar Description - MAX6776LTT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6775 MAXIM-MAX6775_09 Datasheet
200Kb / 11P
   Low-Power, 1%-Accurate Battery Monitors in 關DFN and SC70 Packages
Rev 4; 5/09
MAX6790 MAXIM-MAX6790 Datasheet
652Kb / 20P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 1; 10/06
MAX6782 MAXIM-MAX6782_10 Datasheet
171Kb / 17P
   Low-Power, 1% Accurate, Dual-/Triple-/Quad-Level Battery Monitors in Small TDFN and TQFN Packages
Rev 3; 3/10
MAX6607 MAXIM-MAX6607 Datasheet
135Kb / 6P
   Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
Rev 1; 6/01
logo
Analog Devices
ADG741 AD-ADG741 Datasheet
118Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
REV. 0
logo
Maxim Integrated Produc...
MAX6457 MAXIM-MAX6457_09 Datasheet
174Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 4; 3/09
MAX16033 MAXIM-MAX16033 Datasheet
214Kb / 21P
   Low-Power Battery Backup Circuits in Small μDFN Packages
Rev 0; 7/07
MAX6459UTC MAXIM-MAX6459UTC Datasheet
184Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
MAX6457_V5 MAXIM-MAX6457_V5 Datasheet
158Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 5; 7/12
MAX6459UTB MAXIM-MAX6459UTB Datasheet
219Kb / 15P
   High-Voltage, Low-Current Voltage Monitors in SOT Packages
Rev 6; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com