Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3227TB-E3-A Datasheet(PDF) 2 Page - California Eastern Labs

Part # UPC3227TB-E3-A
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3227TB-E3-A Datasheet(HTML) 2 Page - California Eastern Labs

  UPC3227TB-E3-A Datasheet HTML 1Page - California Eastern Labs UPC3227TB-E3-A Datasheet HTML 2Page - California Eastern Labs UPC3227TB-E3-A Datasheet HTML 3Page - California Eastern Labs UPC3227TB-E3-A Datasheet HTML 4Page - California Eastern Labs UPC3227TB-E3-A Datasheet HTML 5Page - California Eastern Labs UPC3227TB-E3-A Datasheet HTML 6Page - California Eastern Labs UPC3227TB-E3-A Datasheet HTML 7Page - California Eastern Labs UPC3227TB-E3-A Datasheet HTML 8Page - California Eastern Labs UPC3227TB-E3-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PIN CONNECTIONS AND INTERNAL BLOCK DIAGRAM
Pin No.
Pin Name
1
INPUT
2
GND
3
GND
4
OUTPUT
5
GND
(Top View)
3
2
1
4
5
6
(Bottom View)
4
5
6
3
2
1
(Top View)
3
2
1
4
5
6
6
VCC
PRODUCT LINE-UP OF 5 V-BIAS SILICON MMIC WIDEBAND AMPLIFIER
(TA = +25
°C, f = 1 GHz, VCC = 5.0 V, ZS = ZL = 50 )
Part No.
fu
(GHz)
PO (sat)
(dBm)
GP
(dB)
NF
(dB)
ICC
(mA)
Package
Marking
PC2711TB
2.9
+1.0
13
5.0
12
6-pin super minimold
C1G
PC2712TB
2.6
+3.0
20
4.5
12
C1H
PC3215TB
Note
2.9
+3.5
20.5
2.3
14
C3H
PC3224TB
3.2
+4.0
21.5
4.3
9.0
C3K
PC3227TB
3.2
1.0
22
4.7
4.8
C3P
Note
PC3215TB is f = 1.5 GHz
Remark Typical performance. Please refer to ELECTRICAL CHARACTERISTICS in detail.
Data Sheet PU10557EJ02V0DS
2
UPC3227TB


Similar Part No. - UPC3227TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3227TB-E3-A NEC-UPC3227TB-E3-A Datasheet
115Kb / 14P
   5 V, SILICON GERMANIUM MMIC WIDEBAND AMPLIFIER
More results

Similar Description - UPC3227TB-E3-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC2753GR RENESAS-UPC2753GR Datasheet
243Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC2756TB RENESAS-UPC2756TB Datasheet
252Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC3223TB RENESAS-UPC3223TB Datasheet
225Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2004
UPC1830 RENESAS-UPC1830 Datasheet
525Kb / 46P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com