Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZ1084S2-5.0E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1084S2-5.0E1
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1084S2-5.0E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ1084S2-5.0E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1084S2-5.0E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1084S2-5.0E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1084S2-5.0E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1084S2-5.0E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1084S2-5.0E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1084S2-5.0E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1084S2-5.0E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1084S2-5.0E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
5A LOW DROPOUT LINEAR REGULATOR
AZ1084
Data Sheet
1
Oct. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
General Description
The AZ1084 is a series of low dropout positive voltage
regulators with a maximum dropout of 1.5V at 5A of
load current.
The series features on-chip thermal limiting which pro-
vides protection against any combination of overload
and ambient temperatures that would create excessive
junction temperatures. It also includes a trimmed band-
gap reference and a current limiting circuit.
The AZ1084 is available in 1.5V, 1.8V, 2.5V, 2.85V,
3.3V and 5.0V versions. The fixed versions integrate
the adjust resistors. It is also available in an adjustable
version which can set the output voltage with two
external resistors.
The AZ1084 series is available in standard packages of
TO-263-2, TO-263-3, TO-220 and TO-252.
Features
·
Low Dropout Voltage: 1.3V Typically at 5A
·
Current Limiting and Thermal Protection
·
Output Current: 5A
·
Current Limit: 6.5A
·
Operating Junction Temperature Range:0 to 125oC
·
Line Regulation: 0.015% (Typical)
·
Load Regulation: 0.2% (Typical)
Applications
·
High Efficiency Linear Regulators
·
Battery Chargers
·
Post Regulation for Switching Supply
·
Microprocessor Supply
·
Desktop PCs, RISC and Embedded Processors'
Supply
Figure 1. Package Types of AZ1084
TO-252
TO-220
TO-263-3
TO-263-2


Similar Part No. - AZ1084S2-5.0E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084S2-5.0E1 BCDSEMI-AZ1084S2-5.0E1 Datasheet
197Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1084S2-5.0E1

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com