Electronic Components Datasheet Search |
|
MAX6781LTAT Datasheet(PDF) 5 Page - Maxim Integrated Products |
|
MAX6781LTAT Datasheet(HTML) 5 Page - Maxim Integrated Products |
5 / 12 page Low-Power, 1%-Accurate Battery Monitors in µDFN and SC70 Packages _______________________________________________________________________________________ 5 Pin Description MAX6775/ MAX6776 MAX6777/ MAX6778 MAX6779/ MAX6780/ MAX6781 µDFN SC70 µDFN SC70 µDFN NAME FUNCTION 1 1 — — — GND2 Reserved. Must be connected to GND. Do not use as the only GND connection. 2 2 2 2 2 GND Ground 3 3 — — — LBI Low-Battery Input. Connect to the resistive divider to set the trip level. 44 4 4 — LBO Low-Battery Output, Active-Low. When VLBI/VLBL falls below the falling threshold, LBO asserts. LBO deasserts when VLBI/VLBH exceeds the rising threshold voltage. 5 — 5 — — N.C. No Connection. Not internally connected. 6 5 6 5 6 BATT Battery Input. Power supply to the device. — — 1 1 — LBH Rising-Trip-Level Input. Connect to a resistive divider to set the rising trip level. — — 3 3 — LBL Falling-Trip-Level Input. Connect to a resistive divider to set the falling trip level. — — — — 1 LBI2 Low-Battery Input 2. Connect to a resistive divider to set the trip level. — — — — 3 LBI1 Low-Battery Input 1. Connect to a resistive divider to set the trip level. —— — — 4 LBO1 Low-Battery Output 1, Active-Low. When VLBI1 falls below the falling threshold voltage, LBO1 asserts. LBO1 deasserts when VLBI1 exceeds the rising threshold voltage. LBO1 is push-pull on the MAX6779/MAX6781 and open-drain for the MAX6780. —— — — 5 LBO2 Low-Battery Output 2, Active-Low. When VLBI2 falls below the falling threshold voltage, LBO2 asserts. LBO2 deasserts when VLBI2 exceeds the rising threshold voltage. LBO2 is open-drain for the MAX6780/MAX6781 and push-pull for the MAX6779. |
Similar Part No. - MAX6781LTAT |
|
Similar Description - MAX6781LTAT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |