Electronic Components Datasheet Search |
|
IN9270 Datasheet(PDF) 5 Page - Integral Corp. |
|
IN9270 Datasheet(HTML) 5 Page - Integral Corp. |
5 / 11 page IN9270 3 DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND, V CC = 5 V ± 5%, TA = -10 to +70°C) Guaranteed Limits Symbol Parameter Test Conditions Min Typ Max Unit VIH Minimum High-Level Input Voltage VOUT =5 V 3.6 V VIL Maximum Low-Level Input Voltage VOUT =5 V 1.4 V VOH Minimum High-Level Output Voltage No Load 4.97 V VOL Maximum Low-Level Output Voltage No Load 0.05 V IIN Maximum Input Leakage Current VIN=VCC or GND ±0.1 µA ISO Maximum Pull Up (Source) Current OE = 0 V 24 µA IOL Minimum Output-Low (Sink) Current VOUT =0.4 V 0.8 mA IOH Minimum Output-High (Source) Current VOUT =4.6 V 0.35 mA ICC Maximum Quiescent Supply Current (per Package) VIN =VCC 11 mA VTSt Steering Threshold Voltage 2.2 2.5 V RIN Input Impedance (Signal Inputs 1,2) @ 1 KHz 8 M Ω VREF Output Voltage No Load 2.4 2.8 V ROR Output Resistance 10 k Ω IOZ Maximum Three-State Leakage current Output in High- Impedance State VIN =VIL VOUT=VCC or GND ±0.1 µA |
Similar Part No. - IN9270 |
|
Similar Description - IN9270 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |