Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8505EEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX8505EEE
Description  3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8505EEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX8505EEE Datasheet HTML 5Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 6Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 7Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 8Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 9Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 10Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 11Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 12Page - Maxim Integrated Products MAX8505EEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Detailed Description
The MAX8505 is a high-efficiency synchronous buck
regulator capable of delivering up to 3A of output
current. It operates in PWM mode at a high fixed
frequency of 500kHz or 1MHz, thereby reducing
external component size. The MAX8505 operates from
a 2.6V to 5.5V input voltage and can produce an output
voltage from 0.8V to 0.85 VIN.
Controller Block Function
The MAX8505 step-down converter uses a PWM
current-mode control scheme. An open-loop comparator
compares the voltage-feedback error signal against the
sum of the amplified current-sense signal and the slope
compensation ramp. At each rising edge of the internal
clock, the internal high-side MOSFET turns on until the
PWM comparator trips. During this on-time, current ramps
up through the inductor, sourcing current to the output
and storing energy in the inductor. The current-mode
feedback system regulates the peak inductor current as a
function of the output-voltage error signal. Since the aver-
age inductor current is nearly the same as the peak
inductor current, the circuit acts as a switch-mode
transconductance amplifier. To preserve inner-loop
stability and eliminate inductor staircasing, a slope-
compensation ramp is summed into the main PWM com-
parator. During the second half of the cycle, the internal
high-side N-channel MOSFET turns off, and the internal
low-side N-channel MOSFET turns on. The inductor
releases the stored energy as its current ramps down
while still providing current to the output. The output
capacitor stores charge when the inductor current
exceeds the load current, and discharges when the
inductor current is lower, smoothing the voltage across
the load. Under overload conditions, when the inductor
current exceeds the current limit (see the Current Limit
section), the high-side MOSFET does not turn on at the
rising edge of the clock and the low-side MOSFET
remains on to let the inductor current ramp down.
Current Sense
An internal current-sense amplifier produces a current
signal proportional to the voltage generated by the high-
side MOSFET on-resistance and the inductor current
(RDS(ON) ILX). The amplified current-sense signal and
the internal slope-compensation signal are summed
together into the comparator’s inverting input. The PWM
comparator turns off the internal high-side MOSFET
when this sum exceeds the feedback voltage from the
voltage-error amplifier.
3A, 1MHz, 1% Accurate, Internal Switch
Step-Down Regulator with Power-OK
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1, 3, 14, 16
LX
Inductor Connection. Connect an inductor between these pins and the regulator output. All LX pins must
be connected together externally. Connect a 3300pF ceramic capacitor from LX to PGND.
2, 4
IN
Power-Supply Inputs. Ranges from 2.6V to 5.5V. Bypass with two ceramic 22µF capacitors to GND. All IN
pins must be connected together externally.
5
BST
Bootstrapped Voltage Input. High-side driver supply pin. Bypass to LX with a 0.1µF capacitor. Charged
from IN with an external Schottky diode.
6VCC
Supply Voltage and Gate-Drive Supply for Low-Side Driver. Decouple with a 10
Ω resistor and bypass to
GND with 0.1µF.
7
POK
Power-OK Output. Open-drain output of a window comparator that pulls POK low when the FB pin is
outside the 0.8V
±12% range.
8
CTL
Output Control. When at GND, the regulator is off. When at VCC, the regulator is operating at 1MHz. For a
500kHz application, raise the pin to 2/3 VCC.
9
COMP
Regulator Loop Compensation. Connect a series RC network to GND. This pin is pulled to GND when the
output is shut down, or in UVLO or thermal shutdown.
10
FB
Feedback Input. This pin regulates to 0.8V. Use an external resistive-divider from the output to set the
output voltage.
11
REF
Place a capacitor at this pin to set the soft-start time. This pin goes to 0V when the part is shut down.
12
GND
Ground
13, 15
PGND
Power Ground. Connect this pin to GND at a single point.


Similar Part No. - MAX8505EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8505EEE++ MAXIM-MAX8505EEE+ Datasheet
220Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
More results

Similar Description - MAX8505EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8505 MAXIM-MAX8505_V01 Datasheet
220Kb / 15P
   3A, 1MHz, 1% Accurate, Internal Switch Step-Down Regulator with Power-OK
2010
MAX1945R MAXIM-MAX1945R Datasheet
848Kb / 19P
   1MHz, 1% Accurate, 6A Internal Switch Step-Down Regulators
Rev 1; 7/04
logo
Global Mixed-mode Techn...
G5719C GMT-G5719C Datasheet
81Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6173 FEELING-FP6173 Datasheet
380Kb / 13P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5719B GMT-G5719B Datasheet
73Kb / 1P
   1MHz, 3A Synchronous Step-Down Regulator
logo
Anpec Electronics Corop...
APW7093 ANPEC-APW7093 Datasheet
728Kb / 20P
   3A, 1MHz, Step Down DC/DC Regulator
logo
HTC Korea TAEJIN Techno...
TJ6713DP HTC-TJ6713DP Datasheet
280Kb / 10P
   1MHz, 3A Synchronous Step-Down Switching Voltage Regulator
logo
Fitipower Integrated Te...
FP6373A FITIPOWER-FP6373A Datasheet
1Mb / 13P
   High Efficiency 1MHz 3A Synchronous Step Down Regulator
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com