Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9173 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9173
Description  Quad LVDS Line Receiver with Flow-Through Pinout and ?쏧n-Path??Fail-Safe
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9173 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9173 Datasheet HTML 2Page - Maxim Integrated Products MAX9173 Datasheet HTML 3Page - Maxim Integrated Products MAX9173 Datasheet HTML 4Page - Maxim Integrated Products MAX9173 Datasheet HTML 5Page - Maxim Integrated Products MAX9173 Datasheet HTML 6Page - Maxim Integrated Products MAX9173 Datasheet HTML 7Page - Maxim Integrated Products MAX9173 Datasheet HTML 8Page - Maxim Integrated Products MAX9173 Datasheet HTML 9Page - Maxim Integrated Products MAX9173 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Detailed Description
LVDS is a signaling method intended for point-to-point
communication over a controlled-impedance medium
as defined by the ANSI TIA/EIA-644 and IEEE 1596.3
standards. LVDS uses a lower voltage swing than other
common communication standards, achieving higher
data rates with reduced power consumption while
reducing EMI and system susceptibility to noise.
The MAX9173 is a 500Mbps, four-channel LVDS receiv-
er intended for high-speed, point-to-point, low-power
applications. Each channel accepts an LVDS input and
translates it to an LVTTL/LVCMOS output. The receiver
is specified to detect differential signals as low as
100mV and as high as 1.2V within an input voltage
range of 0 to VCC. The 250mV to 400mV differential out-
put of an LVDS driver is nominally centered around a
1.2V offset. This offset, coupled with the receiver’s 0 to
VCC input voltage range, allows more than ±1V shift in
the signal (as seen by the receiver). This allows for a
difference in ground references of the transmitter and
the receiver, the common-mode effects of coupled
noise, or both.
Quad LVDS Line Receiver with Flow-Through
Pinout and “In-Path” Fail-Safe
6
_______________________________________________________________________________________
PIN
TSSOP/SO
QFN
NAME
FUNCTION
1
15
IN1-
Inverting Differential Receiver Input for Receiver 1
2
16
IN1+
Noninverting Differential Receiver Input for Receiver 1
3
1
IN2+
Noninverting Differential Receiver Input for Receiver 2
4
2
IN2-
Inverting Differential Receiver Input for Receiver 2
5
3
IN3-
Inverting Differential Receiver Input for Receiver 3
6
4
IN3+
Noninverting Differential Receiver Input for Receiver 3
7
5
IN4+
Noninverting Differential Receiver Input for Receiver 4
8
6
IN4-
Inverting Differential Receiver Input for Receiver 4
9, 16
7, 14
EN, EN
Receiver Enable Inputs. When EN = high and EN = low or open, the outputs are active.
For other combinations of EN and EN, the outputs are disabled and in high
impedance.
10
8
OUT4
LVCMOS/LVTTL Receiver Output for Receiver 4
11
9
OUT3
LVCMOS/LVTTL Receiver Output for Receiver 3
12
10
GND
Ground
13
11
VCC
Power-Supply Input. Bypass VCC to GND with 0.1µF and 0.001µF ceramic capacitors.
Place the smaller value cap as close to the pin as possible.
14
12
OUT2
LVCMOS/LVTTL Receiver Output for Receiver 2
15
13
OUT1
LVCMOS/LVTTL Receiver Output for Receiver 1
Exposed Pad
EP
Exposed Pad. Solder to ground plane for proper heat dissipation.
Pin Description
ENABLES
INPUTS
OUTPUT
EN
EN
(IN_+) - (IN_-)
OUT_
VID
≥ 0H
VID
≤ -100mV
L
H
L or open
Open, undriven short, or undriven parallel termination
H
All other combinations of ENABLE pins
Don’t care
Z
Table 1. Input/Output Function Table


Similar Part No. - MAX9173

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
MAX917 MAXIM-MAX917 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX917 MAXIM-MAX917 Datasheet
597Kb / 15P
   SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9170ESE MAXIM-MAX9170ESE Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
MAX9170EUE MAXIM-MAX9170EUE Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
More results

Similar Description - MAX9173

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9171 MAXIM-MAX9171_07 Datasheet
291Kb / 12P
   Single/Dual LVDS Line Receivers with ?쏧n-Path??Fail-Safe
Rev 2; 6/07
MAX9123 MAXIM-MAX9123 Datasheet
215Kb / 10P
   Quad LVDS Line Driver with Flow-Through Pinout
Rev 0; 2/01
MAX9121 MAXIM-MAX9121 Datasheet
231Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination and Flow-Through Pinout
Rev 0; 6/01
MAX9178 MAXIM-MAX9178 Datasheet
310Kb / 14P
   Quad LVDS Line Driver with High-ESD Tolerance and Flow-Through Pinout
Rev 0; 4/03
MAX9171 MAXIM-MAX9171 Datasheet
185Kb / 11P
   SINGLE / DUAL LVDS LINE RECEIVERS WITH IN - PATH FAIL - SAFE
Rev 0; 10/02
MAX9129 MAXIM-MAX9129 Datasheet
378Kb / 13P
   Quad Bus LVDS Driver with Flow-Through Pinout
Rev 0; 8/01
logo
Texas Instruments
DS78LS120QML TI1-DS78LS120QML Datasheet
520Kb / 12P
[Old version datasheet]   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
National Semiconductor ...
DS78LS120 NSC-DS78LS120 Datasheet
610Kb / 9P
   Dual Differential Line Receiver (Noise Filtering and Fail-Safe)
logo
Pericom Semiconductor C...
PI90LV047A PERICOM-PI90LV047A_08 Datasheet
427Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Driver
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com