Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM68V1000C Datasheet(PDF) 6 Page - Samsung semiconductor

Part # KM68V1000C
Description  128K x8 bit Low Power and Low Voltage CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM68V1000C Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button KM68V1000C Datasheet HTML 2Page - Samsung semiconductor KM68V1000C Datasheet HTML 3Page - Samsung semiconductor KM68V1000C Datasheet HTML 4Page - Samsung semiconductor KM68V1000C Datasheet HTML 5Page - Samsung semiconductor KM68V1000C Datasheet HTML 6Page - Samsung semiconductor KM68V1000C Datasheet HTML 7Page - Samsung semiconductor KM68V1000C Datasheet HTML 8Page - Samsung semiconductor KM68V1000C Datasheet HTML 9Page - Samsung semiconductor KM68V1000C Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
K6T1008V2C, K6T1008U2C Family
CMOS SRAM
Revision 2.0
November 1997
6
Address
Data Out
Previous Data Valid
Data Valid
TIMMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tAA
tRC
tOH
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
Data Valid
High-Z
CS1
Address
OE
Data out
NOTES (READ CYCLE)
1.
tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output voltage
levels.
2. At any given temperature and voltage condition,
tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device
interconnection.
CS2
tOH
tAA
tOLZ
tLZ
tOHZ
tHZ(1,2)
tRC
tCO2
tOE
tCO1


Similar Part No. - KM68V1000C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68V1000B SAMSUNG-KM68V1000B Datasheet
183Kb / 10P
   128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
KM68V1000BL SAMSUNG-KM68V1000BL Datasheet
183Kb / 10P
   128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
KM68V1000BL/L-L SAMSUNG-KM68V1000BL/L-L Datasheet
183Kb / 10P
   128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
KM68V1000BLE SAMSUNG-KM68V1000BLE Datasheet
183Kb / 10P
   128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
KM68V1000BLE/LE-L SAMSUNG-KM68V1000BLE/LE-L Datasheet
183Kb / 10P
   128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
More results

Similar Description - KM68V1000C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com