Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1008V1C-I10 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # K6R1008V1C-I10
Description  128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6R1008V1C-I10 Datasheet(HTML) 1 Page - Samsung semiconductor

  K6R1008V1C-I10 Datasheet HTML 1Page - Samsung semiconductor K6R1008V1C-I10 Datasheet HTML 2Page - Samsung semiconductor K6R1008V1C-I10 Datasheet HTML 3Page - Samsung semiconductor K6R1008V1C-I10 Datasheet HTML 4Page - Samsung semiconductor K6R1008V1C-I10 Datasheet HTML 5Page - Samsung semiconductor K6R1008V1C-I10 Datasheet HTML 6Page - Samsung semiconductor K6R1008V1C-I10 Datasheet HTML 7Page - Samsung semiconductor K6R1008V1C-I10 Datasheet HTML 8Page - Samsung semiconductor K6R1008V1C-I10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
K6R1008V1C-C/C-L, K6R1008V1C-I/C-P
CMOS SRAM
PRELIMINARY
Revision 4.0
- 1 -
September 2001
PRELIMINARY
P
Document Title
128Kx8 Bit High-Speed CMOS Static RAM(3.3V Operating).
Operated at Commercial and Industrial Temperature Ranges.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the
specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any ques-
tions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev.No.
Rev. 0.0
Rev. 1.0
Rev. 2.0
Rev. 3.0
Rev. 3.1
Rev. 4.0
Remark
Preliminary
Preliminary
Final
Final
Final
Final
History
Initial release with Preliminary.
Relax DC characteristics.
Release to Final Data Sheet.
2.1. Delete Preliminary.
2.2. Changed Standby Current.
2.3. Added Data Retention Characteristics.
Add 10ns part.
VIH/VIL Change
Delete 20ns speed bin
Item
Previous
Changed
ICC
12ns
70mA
75mA
15ns
68mA
73mA
20ns
65mA
70mA
Item
Previous
Changed
Standby Current(Isb1)
0.3mA
0.5mA
Item
Previous
Changed
Min
Max
Min
Max
VIH
2.0
VCC+0.5
2.0
VCC+0.3
VIL
-0.5
0.8
-0.3
0.8
Draft Data
Aug. 5. 1998
Sep. 7. 1998
Mar. 3. 1999
Apr. 24. 2000
Oct. 2. 2000
Sep. 24. 2001


Similar Part No. - K6R1008V1C-I10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1008V1B-B-L SAMSUNG-K6R1008V1B-B-L Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1008V1B-B-P SAMSUNG-K6R1008V1B-B-P Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1008V1B-C-L SAMSUNG-K6R1008V1B-C-L Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1008V1B-C10 SAMSUNG-K6R1008V1B-C10 Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
More results

Similar Description - K6R1008V1C-I10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM68V257E SAMSUNG-KM68V257E Datasheet
184Kb / 8P
   32Kx8 Bit High-Speed CMOS Static RAM (3.3V Operating)
K6R4016V1C-C SAMSUNG-K6R4016V1C-C Datasheet
190Kb / 11P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R4016V1D SAMSUNG-K6R4016V1D Datasheet
227Kb / 12P
   256Kx16 Bit High Speed Static RAM(3.3V Operating)
K6R3024V1D SAMSUNG-K6R3024V1D Datasheet
172Kb / 9P
   128K x 24 Bit High-Speed CMOS Static RAM(3.3V Operating)
K6R1004V1C-C SAMSUNG-K6R1004V1C-C Datasheet
137Kb / 9P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(3.3V Operating).
K6T1008C2E SAMSUNG-K6T1008C2E Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6T1008C2E-TF70T00 SAMSUNG-K6T1008C2E-TF70T00 Datasheet
193Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008C2D SAMSUNG-K6X1008C2D Datasheet
176Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
K6X1008T2D SAMSUNG-K6X1008T2D Datasheet
153Kb / 9P
   128Kx8 bit Low Power CMOS Static RAM
KM681000E SAMSUNG-KM681000E Datasheet
123Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com