Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC223A10FP Datasheet(PDF) 3 Page - Motorola, Inc

Part # MAC223A10FP
Description  Silicon Bidirectional Triode Thyristors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC223A10FP Datasheet(HTML) 3 Page - Motorola, Inc

  MAC223A10FP Datasheet HTML 1Page - Motorola, Inc MAC223A10FP Datasheet HTML 2Page - Motorola, Inc MAC223A10FP Datasheet HTML 3Page - Motorola, Inc MAC223A10FP Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MAC223FP Series MAC223AFP Series
3
Motorola Thyristor Device Data
Figure 3. Gate Trigger Current
Figure 4. Gate Trigger Voltage
Figure 6. Typical On-State Characteristics
Figure 5. Hold Current
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
3
2
1
0.5
0.3
0.2
0.1
VD = 12 V
RL = 100 Ω
vTM, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
1
0.5
0.1
5
10
50
100
200
0
1
2
3
4
TJ = 25°C
ITM = 200 mA
GATE OPEN
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
2
1
0.5
0.3
0.2
0.1
–60
120
–40
0
–20
20
40
60
80
100
140
TJ, JUNCTION TEMPERATURE (°C)
3
2
1
0.5
0.3
0.2
0.1
VD = 12 V
RL = 100 Ω
TYPICAL CHARACTERISTICS


Similar Part No. - MAC223A10FP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC223A10FP ONSEMI-MAC223A10FP Datasheet
165Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
New Jersey Semi-Conduct...
MAC223A10FP NJSEMI-MAC223A10FP Datasheet
142Kb / 2P
   ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
logo
Inchange Semiconductor ...
MAC223A10FP ISC-MAC223A10FP Datasheet
190Kb / 1P
   isc Triacs
More results

Similar Description - MAC223A10FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
2N6157 MOTOROLA-2N6157 Datasheet
362Kb / 4P
   Silicon Bidirectional Triode Thyristors
MAC229AFP MOTOROLA-MAC229AFP Datasheet
94Kb / 4P
   Silicon Bidirectional Triode Thyristors
MAC20A MOTOROLA-MAC20A Datasheet
386Kb / 3P
   Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
2N6342 DIGITRON-2N6342 Datasheet
249Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
Motorola, Inc
MAC228FP MOTOROLA-MAC228FP Datasheet
95Kb / 4P
   Silicon Bidirectional Triode Thyristors
logo
SEMTECH ELECTRONICS LTD...
MAC97 SEMTECH_ELEC-MAC97 Datasheet
178Kb / 2P
   Silicon Bidirectional Triode Thyristors
logo
Digitron Semiconductors
MAC224 DIGITRON-MAC224 Datasheet
186Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTORS
logo
Tiger Electronic Co.,Lt...
STN1A60 TGS-STN1A60 Datasheet
128Kb / 1P
   Silicon Bidirectional Triode Thyristors
MAC97A TGS-MAC97A Datasheet
128Kb / 1P
   Silicon Bidirectional Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC229 NJSEMI-MAC229 Datasheet
121Kb / 3P
   Triacs Silicon Bidirectional Triode Thyristors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com