Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT28-21B Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PT28-21B
Description  1.3mm Axial Flat Top Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT28-21B Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PT28-21B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DPT-028-007
REV :
2.0
ECN :
PAGE :
3/7
1.3mm Axial Flat Top Phototransistor
MODEL NO :
PT28-21B
Absolute Maximum Ratings at TA = 25℃
Parameter
Symbol
Rating
Unit
Notice
Collector-Emitter Voltage
V
CEO
30
V
Emitter-Collector- Voltage
V
ECO
5V
Collector Current
I
C
20
mA
Operating Temperature
Topr
-25 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
Tsol
260
4mm from mold body
less than 5 seconds
Power Dissipation at(or below)
25℃Free Air Temperature
Pc
75
mW
Electronic Optical Characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Collector-Emitter
Breakdown Voltage
BV
CEO
30
----
----
V
I
C=100μA
Ee=0mW/cm
2
Emitter-Collector
Breakdown Voltage
BV
ECO
5
----
----
V
I
E=100μA
Ee=0mW/cm
2
Collector-Emitter
Saturation Voltage
V
CE(sat)
----
----
0.4
V
I
C=2mA
Ee=1mW/cm
2
Rise Time
t
r
----
15
----
Fall Time
t
f
----
15
----
μS
V
CE=5V
I
C=1mA
R
L=1000Ω
Collector Dark
Current
I
CEO
----
----
100
nA
V
CE=20V
Ee=0mW/cm
2
On State Collector
Current
I
C(on)
0.1
0.3
----
mA
V
CE=5V
Ee=1mW/cm
2
Wavelength of
Peak Sensitivity
λ
p
----
980
----
nm
----
Rang of Spectral
Bandwidth
λ
0.5
----
770---1200
----
nm
----


Similar Part No. - PT28-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT28-21B-TR8 EVERLIGHT-PT28-21B-TR8 Datasheet
186Kb / 10P
   1.3mm Axial Flat Top Phototransistor
PT28-21B/TR8 EVERLIGHT-PT28-21B/TR8 Datasheet
186Kb / 10P
   1.3mm Axial Flat Top Phototransistor
More results

Similar Description - PT28-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT28-21B-TR8 EVERLIGHT-PT28-21B-TR8 Datasheet
186Kb / 10P
   1.3mm Axial Flat Top Phototransistor
PT28-21C EVERLIGHT-PT28-21C Datasheet
206Kb / 7P
   1.3mm Axial Flat Top Phototransistor
PT26-21C-TR8 EVERLIGHT-PT26-21C-TR8 Datasheet
207Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21C EVERLIGHT-PT19-21C Datasheet
200Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B-TR8 EVERLIGHT-PT26-21B-TR8 Datasheet
204Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21C-L41-TR8 EVERLIGHT-PT19-21C-L41-TR8 Datasheet
206Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B EVERLIGHT-PT26-21B Datasheet
198Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21B-L41-TR8 EVERLIGHT-PT19-21B-L41-TR8 Datasheet
281Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21C EVERLIGHT-PT26-21C Datasheet
201Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT67-21C-L41-TR8 EVERLIGHT-PT67-21C-L41-TR8 Datasheet
190Kb / 10P
   Top Phototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com