Part Name
         Description
PT67-21B

 high speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package. ( 8 Page)


EVERLIGHT
100% 
Zoom Out Zoom In
   
 6 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DTT-067-028
REV :
1.0
ECN :
PAGE :
5/7
Top Phototransistor
MODEL NO :
PT67-21B/C2/L41/TR8
 Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO.
Item
Test Conditions
Test
Hours/
Cycles
Sample
Size
Failure
Judgement
Criteria
Ac/Re
1
REFLOW
TEMP : 240
 ± 5 
5 secs
6 Mins
22 pcs
0/1
H : +85

30 mins
I
C(on)
L 0.8
2
Temperature Cycle
5 mins
50 cycles
22 pcs
L:Lower
specification
limit
0/1
L : -55

30 mins
H : +100
 5 mins
3
Thermal Shock
10 secs
50 cycles
22 pcs
0/1
L : -10

5 mins
4
High Temperature
Storage
TEMP. : +100

1000 hrs
22 pcs
0/1
5
Low Temperature
Storage
TEMP. : -55

1000 hrs
22 pcs
0/1
6
DC Operating Life VCE=5V
1000 hrs
22 pcs
0/1
7
High Temperature /
High Humidity
85
 / 85% R.H.
1000 hrs
22 pcs
0/1
1  2  3  4  5  6  7  8 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KTX401UEPITAXIAL PLANAR NPN TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE GENERAL PURPOSE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
CSL13002NPN SILICON PLANAR EPITAXIAL HIGH SPEED HIGH VOLTAGE SWITCHING TRANSISTOR 1 2 3 4 Continental Device India Limited
2N3878HIGH SPEED EPITAXIAL COLLECTOR SILICON NPN PLANAR TRANSISTORS 1 2 3 4 5 MoreGE Solid State
CSL13003NPN SILICON PLANAR EPITAXIAL HIGH SPEED HIGH VOLTAGE SWITCHING TRANSISTOR 1 2 3 4 5 Continental Device India Limited
HSB124SSilicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Hitachi Semiconductor
KDS193SILICON EPITAXIAL PLANAR DIODE ULTRA HIGH SPEED SWITCHING 1 KEC(Korea Electronics)
HSM223CSilicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Hitachi Semiconductor
HSU119Silicon Epitaxial Planar Diode for High Speed Switching 1 2 3 4 5 Hitachi Semiconductor
KDS196SILICON EPITAXIAL PLANAR DIODE ULTRA HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)
KTN2369SEPITAXIAL PLANAR NPN TRANSISTOR HIGH SPEED SWITCHING 1 2 KEC(Korea Electronics)

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl