Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT91-21B Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # PT91-21B
Description  1.9mm Round Subminiature Axial Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT91-21B Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  PT91-21B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT91-21B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT91-21B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT91-21B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT91-21B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT91-21B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT91-21B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image

EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DPT-091-006
REV :
2.1
ECN :
PAGE :
6/7
1.9mm Round Subminiature Axial Phototransistor
MODEL NO :
PT91-21B
 Test Method For Reverse Light Current
Condition: Ee=1mW/c
,V
CE=5V
Test Item: Collector Current [I
C(on)]
(Unit:mA)


Similar Part No. - PT91-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21B EVERLIGHT-PT91-21B Datasheet
188Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21B-TR10 EVERLIGHT-PT91-21B-TR10 Datasheet
260Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Phototransistor
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
265Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Phototransistor
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
237Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing??Lead
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7_08 Datasheet
237Kb / 10P
   1.9mm Round Subminiature ?쏥ull Wing??Lead
More results

Similar Description - PT91-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT91-21B EVERLIGHT-PT91-21B_07 Datasheet
188Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21C EVERLIGHT-PT91-21C_05 Datasheet
245Kb / 9P
   1.9mm Round Subminiature Axial Phototransistor
PT91-21B-TR9 EVERLIGHT-PT91-21B-TR9 Datasheet
254Kb / 10P
   1.9mm Round Subminiature Yoke Lead Phototransistor
IR91-21C EVERLIGHT-IR91-21C_15 Datasheet
179Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
PT91-21C-TR10 EVERLIGHT-PT91-21C-TR10 Datasheet
258Kb / 10P
   1.9mm Round Subminiature??Z-Bend??Lead Phototransistor
PT91-21B-TR10 EVERLIGHT-PT91-21B-TR10 Datasheet
260Kb / 10P
   1.9mm Round Subminiature Z-Bend Lead Phototransistor
IR91-21C EVERLIGHT-IR91-21C Datasheet
200Kb / 9P
   1.9mm Round Subminiature Axial Infrared LED
EAISA2522A0 EVERLIGHT-EAISA2522A0 Datasheet
452Kb / 8P
   1.9mm Round Subminiature Axial Infrared LED
PT91-21B-TR7 EVERLIGHT-PT91-21B-TR7 Datasheet
265Kb / 10P
   1.9mm Round Subminiature Gull Wing Lead Phototransistor
PT91-21C EVERLIGHT-PT91-21C Datasheet
249Kb / 7P
   1.9mm Round Subminiature
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com