Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T1008V2C-GD70 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6T1008V2C-GD70
Description  128K x8 bit Low Power and Low Voltage CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T1008V2C-GD70 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K6T1008V2C-GD70 Datasheet HTML 3Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 4Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 5Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 6Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 7Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 8Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 9Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 10Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
K6T1008V2C, K6T1008U2C Family
CMOS SRAM
Revision 2.0
November 1997
8
DATA RETENTION WAVE FORM
CS1 controlled
VCC
3.0/2.7V1)
2.2V
VDR
CS1
GND
Data Retention Mode
CS1
≥VCC-0.2V
tSDR
tRDR
TIMING WAVEFORM OF WRITE CYCLE(3) (CS2 Controlled)
Address
CS1
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS1, a high CS2 and a low WE. A write begins at the latest transition among CS1 goes low,
CS2 going high and WE going low: A write end at the earliest transition among CS1 going high, CS2 going low and WE going high,
tWP is measured from the beginning of write to the end of write.
2. tCW is measured from the CS1 going low or CS2 going high to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR(1) applied in case a write ends as CS1 or WE going high tWR(2)
applied in case a write ends as CS2 going to low.
CS2
tCW(2)
WE
Data in
Data Valid
Data out
High-Z
High-Z
tCW(2)
tWR(4)
tWP(1)
tDW
tDH
tAS(3)
tWC
CS2 controlled
VCC
3.0/2.7V1)
0.4V
VDR
CS2
GND
Data Retention Mode
tSDR
tRDR
1. 3.0V for K6T1008V2C Family, 2.7V for K6T1008U2C Family
CS2
≤0.2V


Similar Part No. - K6T1008V2C-GD70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-B SAMSUNG-K6T1008C2C-B Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB55 SAMSUNG-K6T1008C2C-DB55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB70 SAMSUNG-K6T1008C2C-DB70 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DL55 SAMSUNG-K6T1008C2C-DL55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T1008V2C-GD70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com