Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT202C Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # PT202C
Description  3mm Phototransistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT202C Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  PT202C Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT202C Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT202C Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT202C Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT202C Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT202C Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT202C Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT202C Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DPT-020-009
REV :
1.2
ECN :
PAGE :
4/7
3mm Phototransistor
MODEL NO :
PT202C
■ Typical Electrical/Optical/Characteristics Curves


Similar Part No. - PT202C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT202C EVERLIGHT-PT202C Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT202C EVERLIGHT-PT202C_05 Datasheet
166Kb / 7P
   3mm Phototransistor T-1
More results

Similar Description - PT202C

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-PT224 LUCKY-LIGHT-GB-PT224 Datasheet
45Kb / 1P
   Phototransistor (3mm)
logo
Everlight Electronics C...
PT264-6B EVERLIGHT-PT264-6B Datasheet
227Kb / 7P
   3mm Phototransistor
PT204-6B EVERLIGHT-PT204-6B_06 Datasheet
153Kb / 7P
   3mm Phototransistor T-1
logo
List of Unclassifed Man...
PT204-6C ETC1-PT204-6C Datasheet
159Kb / 7P
   3mm Phototransistor T-1
logo
Everlight Electronics C...
EAPLP03RDAA0 EVERLIGHT-EAPLP03RDAA0 Datasheet
314Kb / 8P
   3mm Phototransistor T-1
PT202B EVERLIGHT-PT202B Datasheet
186Kb / 7P
   3mm Phototransistor,T-1
PT204-6B EVERLIGHT-PT204-6B Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT202C EVERLIGHT-PT202C_05 Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT204-6C EVERLIGHT-PT204-6C Datasheet
163Kb / 7P
   3mm Phototransistor T-1
EAPLP03RDAA1 EVERLIGHT-EAPLP03RDAA1 Datasheet
309Kb / 8P
   3mm Phototransistor T-1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com