Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBS127.0-2001 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # QBS127.0-2001
Description  Crystal band stop filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

QBS127.0-2001 Datasheet(HTML) 1 Page - Vectron International, Inc

  QBS127.0-2001 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Crystal band stop filter
QBS127.0-2000/01
Application
Limiting values
Unit
Value
Nominal frequency
fo
MHz
127.0
Insertion loss
at smallest attenuation in
pass band
dB
< 6.0
Pass band at 3.0dB
kHz
± 100...3000
Pass band at 6.0 dB
MHz
± 3.0...25
Ripple in 6dB pass band
dB
< 6.0 except
spurious
Stop band attenuation
fo
± -10 kHz
dB
> 20
Terminating impedance Z
R1||C1
Ohm/pF
50 || 0
R2||C2
Ohm/pF
50 || 0
Operating temp. range
°C
-20... +70
Storage temp. range
°C
-35... +85
Environment conditions
according to CF001
2 pol filter
i.f.- filter
use in mobile and
stationary transceivers
Characteristics
QBS127.0-2000/01
Pass band
Stop band
Pin connections:
1
Input
2
Ground-Input
3
Output
4
Ground-Output
TELE FILTER Zweigniederlassung der DOVER Germany GMBH
23.01.04
Potsdamer Str. 18 D- 14513 Teltow
(+49)03328-4784-10 ; Fax (+49)03328-4784-30 http:\\www.vectron.com


Similar Part No. - QBS127.0-2001

ManufacturerPart #DatasheetDescription
logo
Power-One
QBS120ZH-A POWER-ONE-QBS120ZH-A Datasheet
250Kb / 3P
   Quarter-Brick
QBS120ZJ-A POWER-ONE-QBS120ZJ-A Datasheet
250Kb / 3P
   Quarter-Brick
More results

Similar Description - QBS127.0-2001

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
QBS78.6-2000 VECTRON-QBS78.6-2000 Datasheet
79Kb / 1P
   Crystal band stop filter
logo
Mini-Circuits
BSF-C5468 MINI-BSF-C5468 Datasheet
379Kb / 3P
   Band Stop Filter
BSP-255310 MINI-BSP-255310 Datasheet
302Kb / 1P
   Band Stop Filter
ZBSF-95 MINI-ZBSF-95 Datasheet
315Kb / 3P
   Band Stop Filter
ZX75BS-125 MINI-ZX75BS-125 Datasheet
310Kb / 3P
   Band Stop Filter
BSF-108 MINI-BSF-108 Datasheet
405Kb / 2P
   Band Stop Filter
BSF-C70 MINI-BSF-C70 Datasheet
382Kb / 3P
   Band Stop Filter
BSF-C75 MINI-BSF-C75 Datasheet
385Kb / 3P
   Band Stop Filter
BSF-C88108 MINI-BSF-C88108 Datasheet
383Kb / 3P
   Band Stop Filter
NSBP-108 MINI-NSBP-108 Datasheet
237Kb / 1P
   Band Stop Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com