Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSC-1A1 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # OSC-1A1
Description  Ultra Miniature TCXO
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OSC-1A1 Datasheet(HTML) 2 Page - Vectron International, Inc

  OSC-1A1 Datasheet HTML 1Page - Vectron International, Inc OSC-1A1 Datasheet HTML 2Page - Vectron International, Inc OSC-1A1 Datasheet HTML 3Page - Vectron International, Inc OSC-1A1 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OSC Series Ultra Miniature TCXO s
Vectron International
267 Lowell Road, Hudson, NH 03051
Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON
Option A = +5 Vdc
Option B= +3 Vdc
Frequency range:
10 MHz to 50 MHz
Stability Options:
1 =
ppm -20 to
(relative to
2 =
ppm -30 to
3 =
ppm -30 to
4 =
ppm -40 to
Stability vs. Supply
ppm vs B+ of
Aging (typical):
< 1.0 ppm/year at
Input Voltage:
+5.0 Vdc
+3.0 Vdc
Current:
<1.5 mA (10.0 to 16.8 MHz)
<2.0 mA (16.8 to 20.0 MHz)
<3.0 mA (20.1 to 35.0 MHz)
<4.0 mA (35.1 to 50.0 MHz)
Output:
+5.0 Vdc = 1.0 VP-P minimum
+3.0 Vdc = 0.7 VP-P minimum
Clipped Sinewave
Load:
10 K /10pf
Mechanical trim:
PPM min.
Trim options:
0 = Mechanical trim, no VCO
1 =
ppm VC & mechanical
2 = Voltage trim only
ppm min.
Voltage Control
Input Impedence:
100K
minimum
Supply Voltage:
+5.0 Vdc
+3.0 Vdc
Control Voltage Range:
+0.5Vdc to +4.5Vdc
+0.5Vdc to +2.5Vdc
Frequency Tolerance at
ppm at +2.5 Vdc
ppm at +1.5 Vdc
Start-up time:
<10 mS (typical) to within
PPM
Harmonics:
2nd harmonic
> 3 dBc down
3rd harmonic
> 6 dBc down
Other
> 10 dBc down
Phase Noise (typical):
-80 dBc/Hz max. at 10 Hz offset
at 10 MHz
-125 dBc/Hz max. at 100 Hz offset
-145 dBc/Hz max. at 1 KHz offset
-148 dBc/Hz max. at 10 KHz offset
-150 dBc/Hz max. at 100 KHz offset
2
Performance Characteristics
Parameter
Characteristics
*Need a trim tool


Similar Part No. - OSC-1A1

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
OSC-1.3SH ASI-OSC-1.3SH Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-1.3SH ASI-OSC-1.3SH_07 Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
OSC-13SH ASI-OSC-13SH Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - OSC-1A1

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FOX351 FOX-FOX351 Datasheet
519Kb / 1P
   Ultra Miniature SMD HCMOS TCXO
logo
Connor-Winfield Corpora...
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
logo
Fox Electronics
FOX251 FOX-FOX251 Datasheet
352Kb / 1P
   Ultra Miniature SMD HCMOS TCXO
FOX914 FOX-FOX914_09 Datasheet
170Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
logo
Epson ToYoCom
TG-5010CG EPSONTOYOCOM-TG-5010CG Datasheet
312Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
TG-5021BA EPSONTOYOCOM-TG-5021BA Datasheet
414Kb / 2P
   TCXO ULTRA MINIATURE SIZE LOW PROFILE
logo
Fox Electronics
FOX914 FOX-FOX914 Datasheet
70Kb / 1P
   3.0V ULTRA MINIATURE SMD TCXO/VCTCXO
FOX914B FOX-FOX914B_13 Datasheet
495Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX914B-19.200 FOX-FOX914B-19.200 Datasheet
376Kb / 1P
   3.0V Ultra Miniature SMD TCXO/VCTCXO
FOX924B-19.440 FOX-FOX924B-19.440 Datasheet
118Kb / 2P
   3.3V Ultra Miniature SMD HCMOS TCXO/VCTCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com