Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV93LC46PC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AV93LC46PC
Description  1024-BITS SERIAL ELECTRICALLY ERASABLE PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AV93LC46PC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AV93LC46PC Datasheet HTML 1Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 2Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 3Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 4Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 5Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 6Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 7Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 8Page - List of Unclassifed Manufacturers AV93LC46PC Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
@vic
AV93LC46
Copyright © Avic Electronics Corp.
3
Website: http://www.avictek.com
DC Electrical Characteristics (Vcc=2.7V-5.5V,Ta=25℃, unless otherwise noted)
symbol
Parameter
conditions
Min
Max
Units
Icc1
Operating Current
(Program)
SCL=10KHz CMOS Input Leavels
-
3
mA
Icc2
Operating Current
(Read)
SCL=10KHz CMOS Input Leavels
-
200
uA
ISB1
Stabdby Current
SCL=SDA=0V,Vcc=5V
-
10
uA
ISB2
Stabdby Current
SCL=SDA=0V,Vcc=3V
-
1
uA
IIL
Input Leakage
VIN=0V to Vcc
-1
+1
uA
IOL
Output Leakage
Vout=0V to Vcc
-1
+1
uA
VIL
Input Low
Voltage**
-0.1
Vcc X 0.3
V
VIH
Input High
Voltage**
Vcc X
0.7
Vcc+0.2
V
VOL1
Output Low Voltage
IOL=2.1mA TTL
-
0.4
V
VOL2
Output Low Voltage
IOL=10uA CMOS
-
0.2
V
VLK
Vcc Lockout
Voltage
Programming Command Can Be
Executed
Default
-
V
Note. ** VIL min and VIH max are reference only and are not tested
AC Electrical Characteristics (Vcc=2.7V – 5.5V, Ta=25℃ unless otherwise noted )
Symbol
Parameter
Conditions
Min
Max
Units
FSK
SK Clock Frequency
0
1
MHz
TSKH
SK High Time
250
ns
TSKL
SK Low Time
250
ns
TCS
Minimum CS Low Time
250
ns
TCSS
CS Setup Time
Relative to SK
50
ns
TDIS
DI Setup Time
Relative to SK
100
ns
TCSH
CS Hold Time
Relative to SK
0
ns
TDIH
DI Hold Time
Relative to SK
100
ns
TPD1
Output Delay to “1”
AC Test
500
ns
TPD0
Output Delay to “0”
AC Test
500
ns
TSV
CS to Status Valid
AC Test
CL=100pF
500
ns
TDF
CS to DO in 3-state
CS=VIL
100
ns
TWP
Write Cycle Time
10
ms
Endurance**
5V,25℃,Page Mode
1M
Write cycles
Note. ** The Parameter is characterized and isn’t 100% tested.


Similar Part No. - AV93LC46PC

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV9012 AVICTEK-AV9012 Datasheet
153Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV9012LT1 AVICTEK-AV9012LT1 Datasheet
42Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
AV9014 AVICTEK-AV9014 Datasheet
153Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
AV9018LT1 AVICTEK-AV9018LT1 Datasheet
40Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
More results

Similar Description - AV93LC46PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM93LC46 ETC-AM93LC46 Datasheet
189Kb / 10P
   1024-bits Serial Electrically Erasable PROM
logo
Anachip Corp
AM93LC86 ANACHIP-AM93LC86 Datasheet
215Kb / 12P
   16384-bits Serial Electrically Erasable PROM
AM93LC56 ANACHIP-AM93LC56 Datasheet
191Kb / 10P
   2048-bits Serial Electrically Erasable PROM
AM93LC66 ANACHIP-AM93LC66 Datasheet
188Kb / 10P
   4096-bits Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LL46F ROHM-BR93LL46F Datasheet
113Kb / 11P
   1,024-Bit Serial Electrically Erasable PROM
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
   1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC66 ROHM-BR93LC66 Datasheet
128Kb / 12P
   4,096-Bit Serial Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56-3 ISSI-IS93C56-3 Datasheet
83Kb / 10P
   2,048-BIT SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com