Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS951411YGLFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS951411YGLFT
Description  System Clock Chip for ATI RS400 P4TM-based Systems
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS951411YGLFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS951411YGLFT Datasheet HTML 2Page - Integrated Circuit Systems ICS951411YGLFT Datasheet HTML 3Page - Integrated Circuit Systems ICS951411YGLFT Datasheet HTML 4Page - Integrated Circuit Systems ICS951411YGLFT Datasheet HTML 5Page - Integrated Circuit Systems ICS951411YGLFT Datasheet HTML 6Page - Integrated Circuit Systems ICS951411YGLFT Datasheet HTML 7Page - Integrated Circuit Systems ICS951411YGLFT Datasheet HTML 8Page - Integrated Circuit Systems ICS951411YGLFT Datasheet HTML 9Page - Integrated Circuit Systems ICS951411YGLFT Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS951411
0891E—03/07/05
Table1: CPU Frequency Selection Table
Bit 4
CPU FS4
(CK410#)
Bit 3
CPU FS3
(SS_EN)
Bit2
FSC
Bit1
FSB
Bit0
FSA
CPU
(MHz)
PCI33
(MHz)
Spread
%
0
0
0
0
0
266.6667 33.3333
0
0
0
0
1
133.3333 33.3333
0
0
0
1
0
200.0000 33.3333
0
0
0
1
1
166.6668 33.3334
0
0
1
0
0
333.3335 33.3334
0
0
1
0
1
100.0000 33.3333
0
0
1
1
0
400.0000 33.3333
00
1
1
1
0
1
0
0
0
266.6667 33.3333
0
1
0
0
1
133.3333 33.3333
0
1
0
1
0
200.0000 33.3333
0
1
0
1
1
166.6668 33.3334
0
1
1
0
0
333.3335 33.3334
0
1
1
0
1
100.0000 33.3333
0
1
1
1
0
400.0000 33.3333
01
1
1
1
1
0
0
0
0
100.0000 33.3333
1
0
0
0
1
133.3333 33.3333
1
0
0
1
0
200.0000 33.3333
1
0
0
1
1
166.6668 33.3334
1
0
1
0
0
200.0000 33.3333
1
0
1
0
1
266.6667 33.3333
1
0
1
1
0
400.0000 33.3333
1
0
1
1
1
333.3335 33.3334
1
1
0
0
0
100.0000 33.3333
1
1
0
0
1
133.3333 33.3333
1
1
0
1
0
200.0000 33.3333
1
1
0
1
1
166.6668 33.3334
1
1
1
0
0
200.0000 33.3333
1
1
1
0
1
266.6667 33.3333
1
1
1
1
0
400.0000 33.3333
1
1
1
1
1
333.3335 33.3334
C
K
4
1
0
-0.5%
No Spread
-0.5%
C
K
4
0
9
No Spread
Reserved
Reserved


Similar Part No. - ICS951411YGLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS951411YGLFT RENESAS-ICS951411YGLFT Datasheet
386Kb / 20P
   System Clock Chip for ATI RS400 P4TM-based Systems
2019
More results

Similar Description - ICS951411YGLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS951411 RENESAS-ICS951411 Datasheet
386Kb / 20P
   System Clock Chip for ATI RS400 P4TM-based Systems
2019
ICS951413 RENESAS-ICS951413 Datasheet
422Kb / 25P
   Programmable System Clock Chip for ATI RS400 P4TM-based Systems
2019
logo
Integrated Circuit Syst...
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
   Programmable System Clock Chip for ATI RS400 P4-based Systems
logo
Renesas Technology Corp
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
   System Clock Chip for ATI RS480 K8-based Systems
2019
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
   System Clock Chip for ATI RS480 K8-based Systems
logo
Renesas Technology Corp
9LPRS477D RENESAS-9LPRS477D Datasheet
548Kb / 27P
   PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
REV C 010715
logo
Integrated Device Techn...
ICS9LPRS480 IDT-ICS9LPRS480 Datasheet
255Kb / 25P
   Programmable System Clock Chip for ATI RS780 - K8TM based Systems
logo
Renesas Technology Corp
9LPRS477C RENESAS-9LPRS477C Datasheet
416Kb / 25P
   Programmable System Clock Chip for ATI RD790 - K8TM Based Systems
1393 01/28/14
9LPRS471C RENESAS-9LPRS471C Datasheet
423Kb / 23P
   Programmable System Clock Chip for ATI RS790 - K8TM based Systems
05/23/12
logo
Integrated Device Techn...
ICS951464AGLF IDT-ICS951464AGLF Datasheet
248Kb / 24P
   Programmable System Clock Chip for ATI RS/RD690 K8??- based Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com