Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB88156PV-G-000-EFE1 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB88156PV-G-000-EFE1
Description  Spread Spectrum Clock Generator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB88156PV-G-000-EFE1 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB88156PV-G-000-EFE1 Datasheet HTML 1Page - Fujitsu Component Limited. MB88156PV-G-000-EFE1 Datasheet HTML 2Page - Fujitsu Component Limited. MB88156PV-G-000-EFE1 Datasheet HTML 3Page - Fujitsu Component Limited. MB88156PV-G-000-EFE1 Datasheet HTML 4Page - Fujitsu Component Limited. MB88156PV-G-000-EFE1 Datasheet HTML 5Page - Fujitsu Component Limited. MB88156PV-G-000-EFE1 Datasheet HTML 6Page - Fujitsu Component Limited. MB88156PV-G-000-EFE1 Datasheet HTML 7Page - Fujitsu Component Limited. MB88156PV-G-000-EFE1 Datasheet HTML 8Page - Fujitsu Component Limited. MB88156PV-G-000-EFE1 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
DS04-29120-1E
FUJITSU SEMICONDUCTOR
DATA SHEET
Spread Spectrum Clock Generator
MB88156
■ DESCRIPTION
MB88156 is a clock generator for EMI (Electro Magnetic Interference) reduction. The peak of unnecessary radi-
ation noise (EMI) can be attenuated by making the oscillation frequency slightly modulate periodically with the
internal modulator. The modulation corresponds to the center spread and down spread. The multiplication ratio
can be changed by the pin setting.
Also, the pin can be set whether the modulation is changed. For no modulation, it has the center-non-spread to
fix to the output frequency conforming to the multiplication setting and down-non-spread to fix the output frequency
to center frequency of the down spread.
■ FEATURES
• Input frequency :
12.5 MHz to 50 MHz (multiplied by 1)
12.5 MHz to 25 MHz (multiplied by 2)
12.5 MHz to 20 MHz (multiplied by 4)
• Output frequency :
CKOUT 12.5 MHz to 80 MHz
REFOUT the same as input frequency (not multiplied)
(Continued)
■ PACKAGE
16-pin plastic BCC
(LCC-16P-M09)


Similar Part No. - MB88156PV-G-000-EFE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151 FUJITSU-MB88151 Datasheet
159Kb / 20P
   Spread Spectrum Clock Generator
MB88151-100 FUJITSU-MB88151-100 Datasheet
159Kb / 20P
   Spread Spectrum Clock Generator
MB88151-200 FUJITSU-MB88151-200 Datasheet
159Kb / 20P
   Spread Spectrum Clock Generator
MB88151-400 FUJITSU-MB88151-400 Datasheet
159Kb / 20P
   Spread Spectrum Clock Generator
MB88151-500 FUJITSU-MB88151-500 Datasheet
159Kb / 20P
   Spread Spectrum Clock Generator
More results

Similar Description - MB88156PV-G-000-EFE1

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com