Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFR433K Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFR433K
Description  Resonator Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFR433K Datasheet(HTML) 2 Page - Vectron International, Inc

  TFR433K Datasheet HTML 1Page - Vectron International, Inc TFR433K Datasheet HTML 2Page - Vectron International, Inc TFR433K Datasheet HTML 3Page - Vectron International, Inc TFR433K Datasheet HTML 4Page - Vectron International, Inc TFR433K Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
tfr433K.doc
version
1.1
18.06.03
VI TELEFILTER
Resonator Specification
TFR 433 K
2/5
Construction, pin configuration and 50
- matching network
(All dimensions in mm)
TELEFILTER GmbH
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
R R25
D
1
ate code
433 K
1,2 Max.
1,78
SQ 3,81
+ 0,2 / -0,1
0,1
2,54
1,78
0,6
5
7
3
Date code:
Year+week
N
2001
P
2002
R
2003
....
pin 1
ground
pin 2
input/output
pin 3
ground
pin 4
ground
pin 5
ground
pin 6
output/input
pin 7
ground
pin 8
ground
50 Ohm test circuit and equivelent circuit
2
6
2
6
Cm
C0
Lm
Rm
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as
a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFR433K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFR433E VECTRON-TFR433E Datasheet
46Kb / 6P
   Resonator Specification
TFR433F VECTRON-TFR433F Datasheet
44Kb / 5P
   Resonator Specification
TFR433G VECTRON-TFR433G Datasheet
42Kb / 5P
   Resonator Specification
TFR433G1 VECTRON-TFR433G1 Datasheet
70Kb / 5P
   Resonator Specification
TFR433H VECTRON-TFR433H Datasheet
69Kb / 5P
   Resonator Specification
More results

Similar Description - TFR433K

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFR434C VECTRON-TFR434C Datasheet
159Kb / 5P
   Resonator Specification
TFR586 VECTRON-TFR586 Datasheet
168Kb / 5P
   Resonator specification
TFR832 VECTRON-TFR832 Datasheet
82Kb / 5P
   Resonator Specification
TFR315B VECTRON-TFR315B Datasheet
115Kb / 5P
   Resonator specification
TFR433E VECTRON-TFR433E Datasheet
46Kb / 6P
   Resonator Specification
TFR433H VECTRON-TFR433H Datasheet
69Kb / 5P
   Resonator Specification
TFR433G VECTRON-TFR433G Datasheet
42Kb / 5P
   Resonator Specification
TFR125 VECTRON-TFR125 Datasheet
212Kb / 5P
   Resonator Specification
TFR804 VECTRON-TFR804 Datasheet
173Kb / 5P
   Resonator Specification
TFR423 VECTRON-TFR423 Datasheet
45Kb / 4P
   Resonator Specification
TFR433H VECTRON-TFR433H_05 Datasheet
163Kb / 5P
   Resonator Specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com